Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 85Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 86Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 87Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 88Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 89Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 90Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 91Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 92Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 184 page
background image
DocID15818 Rev 15
89/184
STM32F20xxx
Electrical characteristics
183
6.3.7
Wakeup time from low-power mode
The wakeup times given in Table 27 is measured on a wakeup phase with a 16 MHz HSI
RC oscillator. The clock source used to wake up the device depends from the current
operating mode:
•
Stop or Standby mode: the clock source is the RC oscillator
•
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 14.
APB2
SDIO
0.69
mA
TIM1
1.06
TIM8
1.03
TIM9
0.58
TIM10
0.37
TIM11
0.39
ADC1(4)
2.13
ADC2(4)
2.04
ADC3(4)
2.12
SPI1
1.20
USART1
0.38
USART6
0.37
1. External clock is 25 MHz (HSE oscillator with 25 MHz crystal) and PLL is on.
2. EN1 bit is set in DAC_CR register.
3. EN2 bit is set in DAC_CR register.
4. fADC = fPCLK2/2, ADON bit set in ADC_CR2 register.
Table 26. Peripheral current consumption (continued)
Peripheral(1)
Typical consumption at 25 °C
Unit
Table 27. Low-power mode wakeup timings
Symbol
Parameter
Min(1)
Typ(1)
Max(1)
Unit
tWUSLEEP(2)
Wakeup from Sleep mode
-
1
-
µs
tWUSTOP(2)
Wakeup from Stop mode (regulator in Run mode)
-
13
-
µs
Wakeup from Stop mode (regulator in low-power mode)
-
17
40
Wakeup from Stop mode (regulator in low-power mode
and Flash memory in Deep power down mode)
-110
-
tWUSTDBY(2)(3)
Wakeup from Standby mode
260
375
480
µs
1. Guaranteed by characterization results, not tested in production.
2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.
3. tWUSTDBY minimum and maximum values are given at 105 °C and –45 °C, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com