Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 70Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 71Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 72Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 73Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 74Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 75Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 76Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 77Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 184 page
background image
Electrical characteristics
STM32F20xxx
74/184
DocID15818 Rev 15
Table 15. Limitations depending on the operating power supply range
Operating
power
supply
range
ADC
operation
Maximum
Flash
memory
access
frequency
(fFlashmax)
Number of wait
states at
maximum CPU
frequency
(fCPUmax=
120 MHz)(1)
I/O operation
FSMC_CLK
frequency for
synchronous
accesses
Possible
Flash
memory
operations
VDD =1.8 to
2.1 V(2)
Conversion
time up to
1 Msps
16 MHz with
no Flash
memory wait
state
7(3)
– Degraded
speed
performance
– No I/O
compensation
Up to 30 MHz
8-bit erase
and program
operations
only
VDD = 2.1 to
2.4 V
Conversion
time up to
1 Msps
18 MHz with
no Flash
memory wait
state
6(3)
– Degraded
speed
performance
– No I/O
compensation
Up to 30 MHz
16-bit erase
and program
operations
VDD = 2.4 to
2.7 V
Conversion
time up to
2 Msps
24 MHz with
no Flash
memory wait
state
4(3)
– Degraded
speed
performance
–I/O
compensation
works
Up to 48 MHz
16-bit erase
and program
operations
VDD = 2.7 to
3.6 V(4)
Conversion
time up to
2 Msps
30 MHz with
no Flash
memory wait
state
3(3)
– Full-speed
operation
–I/O
compensation
works
–Up to
60 MHz
when VDD =
3.0 to 3.6 V
–Up to
48 MHz
when VDD =
2.7 to 3.0 V
32-bit erase
and program
operations
1. The number of wait states can be reduced by reducing the CPU frequency (see Figure 21).
2. On devices in WLCSP64+2 package, if IRROFF is set to VDD, the supply voltage can drop to 1.7 V when the device
operates in the 0 to 70 °C temperature range using an external power supply supervisor (see Section 3.16).
3. Thanks to the ART accelerator and the 128-bit Flash memory, the number of wait states given here does not impact the
execution speed from Flash memory since the ART accelerator allows to achieve a performance equivalent to 0 wait state
program execution.
4. The voltage range for OTG USB FS can drop down to 2.7 V. However it is degraded between 2.7 and 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com