Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 11Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 12Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 13Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 14Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 15Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 16Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 17Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 18Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
Table 2. STM32F205xx features and peripheral counts
Peripherals
STM32F205Rx
STM32F205Vx
STM32F205Zx
Flash memory in Kbytes
128
256
512
768
1024
128
256
512
768
1024
256
512
768
1024
SRAM in Kbytes
System
(SRAM1+SRAM2)
64
(48+16)
96
(80+16)
128
(112+16)
64
(48+16)
96
(80+16)
128
(112+16)
96
(80+16)
128
(112+16)
Backup
4
4
4
FSMC memory controller
No
Yes(1)
Ethernet
No
Timers
General-purpose
10
Advanced-control
2
Basic
2
IWDG
Yes
WWDG
Yes
RTC
Yes
Random number generator
Yes
Comm.
interfaces
SPI/(I2S)
3/(2)(2)
I2C
3
USART
UART
4
2
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
Camera interface
No
GPIOs
51
82
114
SDIO
Yes
12-bit ADC
Number of channels
3
16
16
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
120 MHz
Operating voltage
1.8 V to 3.6 V(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com