Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 29Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 30Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 31Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 32Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 33Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 34Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 35Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 36Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
DocID15818 Rev 15
33/184
STM32F20xxx
Functional overview
183
3.20
Timers and watchdogs
The STM32F20x devices include two advanced-control timers, eight general-purpose
timers, two basic timers and two watchdog timers.
All timer counters can be frozen in debug mode.
Table 5 compares the features of the advanced-control, general-purpose and basic timers.
3.20.1
Advanced-control timers (TIM1, TIM8)
The advanced-control timers (TIM1, TIM8) can be seen as three-phase PWM generators
multiplexed on 6 channels. They have complementary PWM outputs with programmable
inserted dead times. They can also be considered as complete general-purpose timers.
Their 4 independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge- or center-aligned modes)
•
One-pulse mode output
Table 5. Timer feature comparison
Timer type Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
output
Max
interface
clock
Max
timer
clock
Advanced-
control
TIM1,
TIM8
16-bit
Up,
Down,
Up/down
Any integer
between 1
and 65536
Yes
4
Yes
60
MHz
120
MHz
General
purpose
TIM2,
TIM5
32-bit
Up,
Down,
Up/down
Any integer
between 1
and 65536
Yes
4
No
30
MHz
60
MHz
TIM3,
TIM4
16-bit
Up,
Down,
Up/down
Any integer
between 1
and 65536
Yes
4
No
30
MHz
60
MHz
Basic
TIM6,
TIM7
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No
30
MHz
60
MHz
General
purpose
TIM9
16-bit
Up
Any integer
between 1
and 65536
No
2
No
60
MHz
120
MHz
TIM10,
TIM11
16-bit
Up
Any integer
between 1
and 65536
No
1
No
60
MHz
120
MHz
TIM12
16-bit
Up
Any integer
between 1
and 65536
No
2
No
30
MHz
60
MHz
TIM13,
TIM14
16-bit
Up
Any integer
between 1
and 65536
No
1
No
30
MHz
60
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com