Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 79Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 80Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 81Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 82Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 83Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 84Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 85Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 86Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 184 page
background image
DocID15818 Rev 15
83/184
STM32F20xxx
Electrical characteristics
183
Table 22. Typical and maximum current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current in
Sleep mode
External clock(2),
all peripherals enabled(3)
120 MHz
38
51
61
mA
90 MHz
30
43
53
60 MHz
20
33
43
30 MHz
11
25
35
25 MHz
8
21
31
16 MHz
6
19
29
8 MHz
3.6
17.0
27.0
4 MHz
2.4
15.4
25.3
2 MHz
1.9
14.9
24.7
External clock(2), all
peripherals disabled
120 MHz
8
21
31
90 MHz
7
20
30
60 MHz
5
18
28
30 MHz
3.5
16.0
26.0
25 MHz
2.5
16.0
25.0
16 MHz
2.1
15.1
25.0
8 MHz
1.7
15.0
25.0
4 MHz
1.5
14.6
24.6
2 MHz
1.4
14.2
24.3
1. Guaranteed by characterization results, tested in production at VDD max and fHCLK max with peripherals enabled.
2. External clock is 4 MHz and PLL is on when fHCLK > 25 MHz.
3. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is on (ADON bit is set in the ADC_CR2 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com