Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCM Datasheet (PDF) - TT Electronics.

WCM Datasheet PDF - TT Electronics.
Part # WCM
Download  WCM Download
File Size   525.19 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Pulse Carbon Film MELF Resistors

WCM Datasheet (PDF)

Go To PDF Page Download Datasheet
WCM Datasheet PDF - TT Electronics.

Part # WCM
Download  WCM Click to download

File Size   525.19 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Pulse Carbon Film MELF Resistors

WCM Datasheet (HTML) - TT Electronics.


WCM Product details

1.2/50μs surge up to 10kV
Peak power up to 800W for 1ms
5s overload up to 700V
Rated power up to 1W




Similar Part No. - WCM

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCM AITSEMI-WCM Datasheet
915Kb / 8P
CHIP INDUCTOR
logo
Taoglas antenna solutio...
WCM.01.0151 TAOGLAS-WCM.01.0151 Datasheet
4Mb / 30P
rohs compliant
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
2400MHz to 2500MHz Antenna
WCM010151 TAOGLAS-WCM010151 Datasheet
4Mb / 30P
2.4GHz Button Antenna
logo
AiT Semiconductor Inc.
WCM0402 AITSEMI-WCM0402 Datasheet
915Kb / 8P
CHIP INDUCTOR
More results


Similar Description - WCM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
RDM Carbon Film Melf Resistors
logo
Vishay Siliconix
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
High Pulse Load Carbon Film Leaded Resistors
07-Jul-10
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
High Pulse Load MELF Resistors
01-Mar-10
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
Pulse Load Carbon Film MELF Resistors for High Frequency Applications
01-Dec-09
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Vishay Siliconix
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
16-May-13
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
fixed carbon film melf resistor
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com