Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCM Datasheet(PDF) 2 Page - TT Electronics.

Part # WCM
Description  High Pulse Carbon Film MELF Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WCM Datasheet(HTML) 2 Page - TT Electronics.

  WCM Datasheet HTML 1Page - TT Electronics. WCM Datasheet HTML 2Page - TT Electronics. WCM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies IRC Welwyn
WCM Series
07.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
High Pulse Carbon Film MELF Resistors
±
ΔR
Short time overload: 5s at lesser of 6.25 x rated power or 2 x LEV
0.5% + 0.1Ω
Climatic sequence: BS EN 60115-1:2011+A11 2015, Method 4.23
0.5% +0.1Ω
Bending test: 2mm deflection for 60s
0.25% + 0.1Ω
Resistance to soldering heat: 260±5°C for 10±1 sec
1% + 0.05Ω
Temperature rapid change: 1000cycles-55/125°C
1.5% + 0.1Ω
Endurance (cyclic load): 1000hrs rated power at 125°C
2% + 0.05Ω
Endurance (constant load): 1000hrs rated power at 70°C
2% +0.05Ω
Vibration: 5g for 20min, 12 cycles each of 3 orientations, 10-2000Hz
0.5% + 0.1Ω
ESD: 2kV human body model
0.5% + 0.05Ω
Solderability: 235±5°C for 3±0.5sec
>95% coverage
Voltage proof: 1.42 x LEV
No flashover or breakdowns
Performance Data
De-rating Curve
0207
0204



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com