Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2035D1 Datasheet (PDF) - Texas Instruments

TPA2035D1 Datasheet PDF - Texas Instruments
Part # TPA2035D1
Download  TPA2035D1 Download
File Size   752.68 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY

TPA2035D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2035D1 Datasheet PDF - Texas Instruments

Part # TPA2035D1
Download  TPA2035D1 Click to download

File Size   752.68 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY

TPA2035D1 Datasheet (HTML) - Texas Instruments


TPA2035D1 Product details

1FEATURES
2· Pin-to-pin compatibility with TPA2010D1
· Short Circuit Auto-recovery
· Maximum Battery Life and Minimum Heat
– Efficiency With an 8-Ω Speaker:
– 88% at 400 mW
– 80% at 100 mW
– 2.8-mA Quiescent Current
– 0.5-mA Shutdown Current
· Only Three External Components
– Optimized PWM Output Stage Eliminates
LC Output Filter
– High PSRR (–75 dB) and Wide Supply
Voltage (2.5 V to 5.5 V)
– Fully Differential Design Reduces RF
Rectification and Eliminates Bypass
Capacitor
– Improved CMRR Eliminates Two Input
Coupling Capacitors
· 1,45mm × 1,45 mm 9-Ball WCSP
– NanoFree™ Lead-Free (YZF)

APPLICATIONS
· Wireless or Cellular Handsets and PDAs
· Personal Navigation Devices
· General Portable Audio Devices
· Linear Vibrator Drivers

SEE ALSO
· TPA2031D1, TPA2032D1, TPA2033D1,
TPA2034D1, TPA2035D1

DESCRIPTION
The TPA2036D1 is a 2.5-W high efficiency filter-free
class-D audio power amplifier (class-D amp) in a 1,45
mm × 1,45 mm wafer chip scale package (WCSP)
that requires only three external components.
Features such as 88% efficiency, –75-dB PSRR,
improved RF immunity, and 8 mm2 total PCB area
make TPA2036D1 ideal for cellular handsets. A fast start-up time of 1 ms with minimal pop makes
TPA2036D1 ideal for portable applications.
In cellular handsets, TPA2036D1 is capable of driving
the earpiece, speaker phone, and melody ringer.
TPA2036D1 allows independent gain while summing
signals from separate sources, and has a low 36
mVRMS noise floor, A-weighted.




Similar Part No. - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI1-TPA2035D1 Datasheet
1Mb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2035D1 TI2-TPA2035D1 Datasheet
973Kb / 22P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
AUGUST 2008
TPA2035D1YZF TI2-TPA2035D1YZF Datasheet
973Kb / 22P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
AUGUST 2008
TPA2035D1YZFR TI-TPA2035D1YZFR Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2036D1 TI1-TPA2036D1_15 Datasheet
1Mb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com