Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2035D1 Datasheet (PDF) - Texas Instruments

TPA2035D1 Datasheet PDF - Texas Instruments
Part # TPA2035D1
Download  TPA2035D1 Download
File Size   973.48 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER

TPA2035D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2035D1 Datasheet PDF - Texas Instruments

Part # TPA2035D1
Download  TPA2035D1 Click to download

File Size   973.48 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER

TPA2035D1 Datasheet (HTML) - Texas Instruments


TPA2035D1 Product details

1FEATURES
2· Maximize Battery Life and Minimize Heat
– 0.5-mA Shutdown Current
– 3-mA Quiescent Current
– High Efficiency Class-D
– 88% at 400mW at 8Ω
– 80% at 100mW at 8Ω
· Short Circuit Auto-recovery
· Gain of 2 V/V (6dB)
· Only One External Component Required
– Internal Matched Input Gain and Feedback
Resistors for Excellent PSRR and CMRR
– Optimized PWM Output Stage Eliminates
LC Output Filter
– PSRR (–75 dB) and Wide Supply Voltage
(2.5 V to 5.5 V) Eliminates Need for a
Dedicated Voltage Regulator
– Fully Differential Design Reduces RF
Rectification and Eliminates Bypass
Capacitor
– CMRR (–69 dB)Eliminates Two Input
Coupling Capacitors
· Thermal and Short-Circuit Protection
· Pinout Similar to the TPA2010D1
· Wafer Chip Scale Packaging (WCSP)
– NanoFree™ (YZF)

APPLICATIONS
· Wireless Handsets, PDAs, and other mobile
devices

DESCRIPTION
The TPA2035D1 is a 2.75-W high efficiency filter-free
class-D audio power amplifier in an approximately
1.5-mm × 1.5-mm wafer chip scale package (WCSP)
that requires only one external component. The
pinout is the same as the TPA2010D1 (SLOS417) except that the external gain setting input resistors
required by the TPA2010D1 are integrated into the
fixed gain of the TPA2035D1.
Features like –75dB PSRR and improved
RF-rectification immunity with a small PCB footprint
(WCSP amplifier plus single decoupling cap) make
the TPA2035D1 ideal for wireless handsets. A fast
start-up time of 3.2 ms with minimal pop makes the
TPA2035D1 ideal for PDA applications.
In wireless handsets, the earpiece, speaker phone,
and melody ringer can each be driven by the
TPA2035D1. The TPA2035D1 has a low 27-mV noise floor, A-weighted.




Similar Part No. - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI1-TPA2035D1 Datasheet
1Mb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2035D1 TI2-TPA2035D1 Datasheet
752Kb / 26P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
OCTOBER 2008
TPA2035D1YZFR TI-TPA2035D1YZFR Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1YZFT TI-TPA2035D1YZFT Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com