Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E1B06 Datasheet (PDF) - Texas Instruments

TPD2E1B06 Datasheet PDF - Texas Instruments
Part # TPD2E1B06
Download  TPD2E1B06 Download
File Size   689.99 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E1B06 Dual-Channel High-Speed ESD Protection Device

TPD2E1B06 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD2E1B06 Datasheet PDF - Texas Instruments

Part # TPD2E1B06
Download  TPD2E1B06 Click to download

File Size   689.99 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E1B06 Dual-Channel High-Speed ESD Protection Device

TPD2E1B06 Datasheet (HTML) - Texas Instruments


TPD2E1B06 Product details

1 Features
1• Provides System Level ESD Protection for Low
Voltage IO Interface
• IEC 61000-4-2 Level 4 ESD Rating
• Low IO Capacitance: 0.85 pF (Typical)
• DC Breakdown Voltage: 7 V (Minimum)
• Ultra-Low Leakage Current: 10 nA (Maximum)
• Low ESD Clamping Voltage
• Temperature Range: –40°C to 125°C
• Small Easy-to-Route DRL package

2 Applications
• Gaming Machines
• eBooks
• Portable Media Players
• Digital Cameras

3 Description
The TPD2E1B06 device is a dual-channel, ultra-low
capacitance ESD protection device. It offers ±10-KV
IEC contact ESD protection. Its 1-pF line capacitance
makes it suitable for a wide range of applications.
Typical application interfaces are USB 2.0, LVDS,
and I2C. The TPD2E1B06 device has two common
layout methods, and both are highlighted in Layout.




Similar Part No. - TPD2E1B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E1B06 TI2-TPD2E1B06 Datasheet
696Kb / 18P
TPD2E1B06 Dual-Channel High-Speed ESD Protection Device
REVISED APRIL 2016
TPD2E1B06DRLR TI1-TPD2E1B06DRLR Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E1B06DRLR TI2-TPD2E1B06DRLR Datasheet
696Kb / 18P
TPD2E1B06 Dual-Channel High-Speed ESD Protection Device
REVISED APRIL 2016
TPD2E1B06DRLR.B TI2-TPD2E1B06DRLR.B Datasheet
696Kb / 18P
TPD2E1B06 Dual-Channel High-Speed ESD Protection Device
REVISED APRIL 2016
More results


Similar Description - TPD2E1B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
Quad-Channel High-Speed ESD Protection Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com