Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25872 Datasheet (PDF) - Texas Instruments

BQ25872 Datasheet PDF - Texas Instruments
Part # BQ25872
Download  BQ25872 Download
File Size   915.1 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25872 14-V, 7-A, Battery Switch Charger with Integrated 10-bit ADC

BQ25872 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25872 Datasheet PDF - Texas Instruments

Part # BQ25872
Download  BQ25872 Click to download

File Size   915.1 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25872 14-V, 7-A, Battery Switch Charger with Integrated 10-bit ADC

BQ25872 Datasheet (HTML) - Texas Instruments


BQ25872 Product details

1 Features
1• Adapter Input Voltage Range: 3 V to 14 V
– Allow up to 14-V Adaptor Voltage
• Highly Integrated 7-A Battery Switch
– Integrated MOSFETs and Current Sensing
– Low RDS(on) (13-mΩ) MOSFETs for High
Current Operation
• Integrated High Accuracy ADC for System Monitor
– VBUS, VBAT, VOUT, VDROP Voltage
– Input and Battery Current
– Battery and VBUS Connector Temperature
• Linear Regulation (LDO) Mode Operation
– Four Linear Regulation Loops: IBUS, IBAT,
VBAT and VOUT
– Programmable Linear Regulation Thresholds
• Programmable Safety Protections
– VBUS, VOUT, and VBAT Over Voltage
Protections (OVP)
– IBUS and IBAT Over Current Protection (OCP)
– IBUS Reverse Current Protection (RCP)
– VDROP (VBUS-VOUT) OVP
– VBUS Connector and Battery Thermal
Protection
– Thermal Shutdown
• Integrated Input OVP FET Control with Fast OVP
Response (2 μs)
• Interrupt Status Output For Host Processor Alert
• Up To 1-MHz I2C Read and Write Speed
• Low Battery Leakage Current in Battery Only
Mode
• WCSP Package for Small Footprint

2 Applications
• Smart Phone
• Tablet PC

3 Description
The device is a 7-A battery switch charger with an
integrated 10-bit ADC. The high-current battery
switch charger is a 13-mΩ MOSFET with reverse
current blocking designed for high efficiency and
minimal voltage drop. The high-charge current
capability of the device makes it ideal for
smartphones, tablets, and other portable devices with
large battery capacity.
The integrated 10-bit ADC can measure input voltage
and current, battery voltage and current, as well as
battery temperature and input connector temperature.
This allows the user application to continuously
monitor the power input and battery charging
parameters to ensure the safety of the battery
charging. The flexible OVP and OCP thresholds for
VBUS, VOUT, and battery can be modified via I2C
registers as the battery goes through constant current
(CC) and constant voltage (CV) mode.
The I2C serial interface of the device can operate at
speeds up to 1 MHz and allows access to the ADC’s
measurements of the different charging parameters
and also allows for flexible software control of the
device. The INT pin provides instantaneous feedback
to the host in case of a fault condition. I2C status
registers allow the host to read the current status of
all faults and events.
The device comes in a DSBGA package.




Similar Part No. - BQ25872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
Battery Switch Charger
BQ25872YFFR TI1-BQ25872YFFR Datasheet
723Kb / 68P
Battery Switch Charger
BQ25872YFFT TI1-BQ25872YFFT Datasheet
723Kb / 68P
Battery Switch Charger
More results


Similar Description - BQ25872

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
12-Jul-2005
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606 Datasheet
170Kb / 12P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Rev 0; 8/05
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
logo
Linear Technology
LTM9012 LINER-LTM9012 Datasheet
1Mb / 28P
Quad 14-Bit, 125Msps ADC with Integrated Drivers
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Texas Instruments
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
Battery Switch Charger
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
Battery Switch Charger
logo
Richtek Technology Corp...
RT9750 RICHTEK-RT9750 Datasheet
332Kb / 30P
6-A Smart Load Switch Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com