Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM24A Datasheet (PDF) - Texas Instruments

TSM24A Datasheet PDF - Texas Instruments
Part # TSM24A
Download  TSM24A Download
File Size   849.67 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package

TSM24A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM24A Datasheet PDF - Texas Instruments

Part # TSM24A
Download  TSM24A Click to download

File Size   849.67 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package

TSM24A Datasheet (HTML) - Texas Instruments


TSM24A Product details

1 Features
• Robust surge protection:
– IEC61000-4-5 (8/20 μs): 60 A
• Low clamping voltage of 38 V (typical) at 60 A
for 8/20 μs surge current protects downstream
components
• Unidirectional polarity for optimized clamping
performance on single-ended data lines and power
rails
• 24 V working voltage for protecting signals on 12-V
systems
• Low leakage current of 75 nA (maximum)
• Low I/O capacitance of 54 pF (typical)
• Integrated IEC 61000-4-2 ESD protection
– ±30-kV contact discharge
– ±30-kV air-gap discharge
• Small SOT-23 leaded package to minimize board
space and allow for automatic optical inspection
(AOI)

2 Applications
• Industrial sensors
• USB Type-C™ VBUS
• PLC I/O modules
• 24-V power lines, digital input, or output lines
• Automotive hybrid, electric, and power train
systems
• HEV/EV on-board charger

3 Description
The TSM24A-Q1 is a part of TI's surge protection
device family. The TSM24A-Q1 robustly shunts up to
60 A of IEC 61000-4-5 fault current to protect systems
from high power transients or lightning strikes. The
device offers a solution to the common industrial
signal line EMC requirement to survive up to 2.5 kV
IEC 61000-4-5 open circuit voltage coupled through
a 42 Ω impedance. The TSM24A-Q1 clamps during
a surge event, keeping system exposure below 38 V
(typical) at I PP = 60 A.
Additionally, the TSM24A-Q1 is available in a small
leaded SOT-23 (DBZ) package which is reduced
in size by approximately 50 percent compared to
the industry standard SMA package. The device is
designed to have a minimal effect on the protected
line due to extremely low device leakage.
For the bidirectional version of this device, please see
TSM24CA-Q1.




Similar Part No. - TSM24A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM24A TI1-TSM24A Datasheet
1Mb / 14P
TSM24A 24-V Unidirectional Surge Diode for Industrial Networks in SOT-23 Package
AUGUST 2023
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
1,008Kb / 17P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24A-Q1 TI-TSM24A-Q1_V01 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24ADBZR TI1-TSM24ADBZR Datasheet
1Mb / 14P
TSM24A 24-V Unidirectional Surge Diode for Industrial Networks in SOT-23 Package
AUGUST 2023
More results


Similar Description - TSM24A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD2CAN24-Q1 TI-ESD2CAN24-Q1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V01 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V02 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
1,008Kb / 17P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24CA-Q1 TI-TSM24CA-Q1 Datasheet
848Kb / 14P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24A TI1-TSM24A Datasheet
1Mb / 14P
TSM24A 24-V Unidirectional Surge Diode for Industrial Networks in SOT-23 Package
AUGUST 2023
TSM24CA TI1-TSM24CA Datasheet
1Mb / 15P
TSM24CA ±24 V Low Capacitance Surge Diode for Industrial Networks in SOT-23 Package
AUGUST 2023
TSM24B TI-TSM24B Datasheet
1Mb / 14P
TSM24B Unidirectional Surge Protection Device in SOT-23
REVISED OCTOBER 2023
TSM24A-Q1 TI-TSM24A-Q1_V01 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24CA-Q1 TI-TSM24CA-Q1_V01 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com