Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2007 Datasheet (PDF) - Texas Instruments

TSC2007 Datasheet PDF - Texas Instruments
Part # TSC2007
Download  TSC2007 Download
File Size   902.96 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2007 Datasheet PDF - Texas Instruments

Part # TSC2007
Download  TSC2007 Click to download

File Size   902.96 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface

TSC2007 Datasheet (HTML) - Texas Instruments


TSC2007 Product details

1FEATURES
23· 4-Wire Touch Screen Interface
· Single 1.2V to 3.6V Supply/Reference
· Ratiometric Conversion
· Effective Throughput Rate:
– Up to 20kHz (8-Bit) or 10kHz (12-Bit)
· Preprocessing to Reduce Bus Activity
· I2C Interface Supports:
– Standard, Fast, and High-Speed Modes
· Simple, Command-Based User Interface:
– TSC2003 Compatible
– 8- or 12-Bit Resolution
· On-Chip Temperature Measurement
· Touch Pressure Measurement
· Digital Buffered PENIRQ
· On-Chip, Programmable PENIRQ Pull-Up
· Auto Power-Down Control
· Low Power:
– 32.24mA at 1.2V, Fast Mode, 8.2kHz Eq Rate
– 39.31mA at 1.8V, Fast Mode, 8.2kHz Eq Rate
– 53.32mA at 2.7V, Fast Mode, 8.2kHz Eq Rate
· Enhanced ESD Protection:
– ±8kV HBM
– ±1kV CDM
– ±25kV Air Gap Discharge
– ±15kV Contact Discharge
· 1.5 x 2 WCSP-12 and 5 x 6.4 TSSOP-16
Packages
U.S. Patent NO. 6246394; other patents pending.

APPLICATIONS
· Cellular Phones
· PDA, GPS, and Media Players
· Portable Instruments
· Point-of-Sale Terminals
· Multiscreen Touch Control Systems

DESCRIPTION
The TSC2007 is a very low-power touch screen
controller designed to work with power-sensitive,
handheld applications that are based on an advanced
low-voltage processor. It works with a supply voltage
as low as 1.2V, which can be supplied by a single-cell battery. It contains a complete, ultra-low
power, 12-bit, analog-to-digital (A/D) resistive touch
screen converter, including drivers and the control
logic to measure touch pressure.
In addition to these standard features, the TSC2007
offers preprocessing of the touch screen measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2007 supports an I2C serial bus and data
transmission protocol in all three defined modes:
standard, fast, and high-speed. It offers programmable resolution of 8 or 12 bits to
accommodate different screen sizes and performance
needs.
The TSC2007 is available in a 12-lead,
(1.555 ±0.055mm) x (2.055 ±0.055mm), 3 x 4 array,
wafer chip-scale package (WCSP), and a 16-pin, TSSOP package. The TSC2007 is characterized for
the –40°C to +85°C industrial temperature range.




Similar Part No. - TSC2007

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007 TI2-TSC2007 Datasheet
846Kb / 43P
TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
REVISED DECEMBER 2016
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Similar Description - TSC2007

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com