Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2007 Datasheet (PDF) - Texas Instruments

TSC2007 Datasheet PDF - Texas Instruments
Part # TSC2007
Download  TSC2007 Download
File Size   846.26 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface

TSC2007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2007 Datasheet PDF - Texas Instruments

Part # TSC2007
Download  TSC2007 Click to download

File Size   846.26 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface

TSC2007 Datasheet (HTML) - Texas Instruments


TSC2007 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following:
– Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 3B
– Device CDM ESD Classification Level C6
• 4-Wire Touch-Screen Interface
• Single 1.2-V to 3.6-V Supply or Reference
• Ratiometric Conversion
• Effective Throughput Rate:
– Up to 20 kHz (8-Bit) or 10 kHz (12-Bit)
• Preprocessing to Reduce Bus Activity
• I2C Interface Supports:
– Standard, Fast, and High-Speed Modes
• Simple, Command-Based User Interface:
– TSC2003-Q1 Compatible
– 8-Bit or 12-Bit Resolution
• On-Chip Temperature Measurement
• Touch Pressure Measurement
• Internal Detection of Screen Touch
• For Pen Touch Detect or Data Available Interrupt
• Auto Power-Down Control
• Low Power:
– 32.24 μA at 1.2 V, Fast Mode, 8.2 kHz-
Equalization Rate
– 39.31 μA at 1.8 V, Fast Mode, 8.2 kHz-
Equalization Rate
– 53.32 μA at 2.7 V, Fast Mode, 8.2 kHz-
Equalization Rate
• Enhanced ESD Protection:
– ±25-kV Air-Gap Discharge
– ±15-kV Contact Discharge
– 5-mm × 4.4-mm 16-Pin TSSOP Package

2 Applications
• Automotive Infotainment Displays
• Automotive Navigation Systems
• Industrial User Interfaces
• Multiscreen Touch Control Systems

3 Description
The TSC2007-Q1 device is a very low-power touch
screen controller designed to work with powersensitive,
automotive touch-screen displays. It
contains a complete, ultra-low power, 12-bit, analogto-
digital (A-D) resistive touch screen converter,
including drivers and the control logic to measure
touch pressure.
In addition to these standard features, the
TSC2007‑Q1 offers preprocessing of the touch
screen measurements to reduce bus loading, thus
reducing the consumption of host processor
resources that can then be redirected to more critical
functions.
The TSC2007-Q1 supports an I2C serial bus and data
transmission protocol in all three defined modes:
standard, fast, and high-speed. It offers
programmable resolution of 8 bits or 12 bits to
accommodate different screen sizes and performance
needs.
The TSC2007-Q1 is available in a 16-pin TSSOP
package. The TSC2007-Q1 is characterized for the
–40°C to 85°C industrial temperature range.




Similar Part No. - TSC2007

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007 TI2-TSC2007 Datasheet
902Kb / 43P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
REVISED MARCH 2009
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Similar Description - TSC2007

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2013-Q1 TI1-TSC2013-Q1 Datasheet
1Mb / 70P
TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com