Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSER4905 Datasheet (PDF) - Texas Instruments

TSER4905 Datasheet PDF - Texas Instruments
Part # TSER4905
Download  TSER4905 Download
File Size   424.92 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSER4905 4K DSI to V3Link Bridge Serializer

TSER4905 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSER4905 Datasheet PDF - Texas Instruments

Part # TSER4905
Download  TSER4905 Click to download

File Size   424.92 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSER4905 4K DSI to V3Link Bridge Serializer

TSER4905 Datasheet (HTML) - Texas Instruments


TSER4905 Product details

1 Features
• Single or dual port MIPI DSI receiver
– Compliant to D-PHY v1.2 and DSI v1.3.1
– Packed 16/18/24/30-bit RGB and 16-bit YCbCr
– Loosely packed 18-bit RGB and 20-bit 4:2:2
– 1 clock lane and 1-4 configurable data lanes
per D-PHY Port
– Up to 2.5 Gbps/lane with skew calibration
– Supports data lane swap and polarity inversion
– Supports both burst and non-burst mode
– SuperFrame Unpacking Capability
– Suitable for 4K @ 60 Hz video resolution
• V3Link Enhanced Video interface
– Supports 10.8/6.75/3.375 Gbps per channel;
Up to 21.6 Gbps over dual channels
– Coax/STP interconnect support
– Port Splitting to enable Y-cable interfaces
• Ultra-low latency control channel
– Two I2C up to 1MHz (up to 3.4 MHz for local
bus access)
– High speed GPIOs
• Compatibility
– V3Link Video and V3Link Enhanced Video
product families
– V3Link Vision product family
• Security and diagnostics
– Voltage and temperature monitoring
– Line Fault Detection
– BIST and pattern generation
– CRC and error diagnostics
– Unique ID for counterfeit protection
– ECC on control bits
• Advanced link robustness and EMC control
– Data scrambling
– Spread spectrum clocking generation (SSCG)
• Low power operation
– 1.8-V and 1.1-V dual power supply
• Qualifications
– ISO 10605 and IEC 61000-4-2 ESD compliant
– 64 pin QFN Wettable flanks 9 mm x 9 mm
– Temperature Range: −20℃ to +85℃

2 Applications
• High Resolution Display:
– Operating room displays
– Seatback entertainment displays
– High resolution HMI

3 Description
TSER4905 is a MIPI DSI to V3Link bridge device. In
conjunction with an V3Link deserializer, the chipset
provides a high-speed serialized interface over lowcost
50Ω coax or STP cables. The TSER4905 is a
D-PHY v1.2 compliant device that serializes a MIPI
DSI input supporting video resolutions including 4K
with 30-bit color depth. The V3Link interface supports
video and audio data transmission and full duplex
control, including I2C and GPIO data over a single
channel or dual channels. Consolidation of video
data and control over two V3Link lanes reduces
the interconnect size and weight and simplifies
system design. EMI is minimized by the use of
low voltage differential signaling, data scrambling,
SSCG, and randomization. This device can operate
either in V3Link Mode or V3Link Enhanced Video
Mode. In V3Link Enhanced Video Mode, the device
supports V3Link Enhanced Video output over a single
coax/STP cable operating up to 10.8 Gbps line rate or
Dual Coax/STP cable operating up to 21.6 Gbps line
rate, supporting 4K+ resolutions. In V3Link mode, the
devices supports up to 720p and 1080p resolutions
with 24-bit color depth over a single/dual link. In
Vision compatible mode, the device is interoperable
with V3Link Vision deserializers supporting resolutions
up to 8MP+/40fps.




Similar Part No. - TSER4905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSER4905 TI-TSER4905 Datasheet
422Kb / 6P
TSER4905 4K DSI to V3Link Bridge Serializer
AUGUST 2022
TSER4905RTDR TI-TSER4905RTDR Datasheet
422Kb / 6P
TSER4905 4K DSI to V3Link Bridge Serializer
AUGUST 2022
TSER4905RTDT TI-TSER4905RTDT Datasheet
422Kb / 6P
TSER4905 4K DSI to V3Link Bridge Serializer
AUGUST 2022
More results


Similar Description - TSER4905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
MIPI DSI to eDP Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
DSI to FPD-Link III Bridge Serializer
DS90UH941AS-Q1 TI1-DS90UH941AS-Q1 Datasheet
2Mb / 157P
2K DSI to FPD-Link III Bridge Serializer with Video Splitting and HDCP
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1_19 Datasheet
2Mb / 150P
2K DSI to FPD-Link III Bridge Serializer with Video Splitting
TSER4905 TI-TSER4905 Datasheet
422Kb / 6P
TSER4905 4K DSI to V3Link Bridge Serializer
AUGUST 2022
TDES4940 TI-TDES4940 Datasheet
815Kb / 10P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
TDES4940 TI1-TDES4940_V01 Datasheet
1Mb / 15P
TDES4940 4K V3Link Enhanced Video to Embedded DisplayPort Bridge Deserializer
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com