Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129 Datasheet (PDF) - Texas Instruments

INA129 Datasheet PDF - Texas Instruments
Part # INA129
Download  INA129 Download
File Size   868.41 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA129-EP Precision, Low Power Instrumentation Amplifiers

INA129 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA129 Datasheet PDF - Texas Instruments

Part # INA129
Download  INA129 Click to download

File Size   868.41 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA129-EP Precision, Low Power Instrumentation Amplifiers

INA129 Datasheet (HTML) - Texas Instruments


INA129 Product details

1 Features
1• Low Offset Voltage
• Low Input Bias Current
• High CMR: 95 dB (Typical)
• Inputs Protected to ±40 V
• Wide Supply Range: ±2.25 V to ±18 V
• Low Quiescent Current: 2 mA (Typical)

2 Applications
• Bridge Amplifier
• Thermocouple Amplifier
• RTD Sensor Amplifier
• Medical Instrumentation
• Data Acquisition
• Supports Extreme Temperature Applications:
– Controlled Baseline
– One Assembly and Test Site
– One Fabrication Site
– Available in Military (–55°C to +125°C)
Temperature Range (1)
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

3 Description
The INA129-EP device is a low power, general-
purpose instrumentation amplifier offering excellent accuracy. The versatile 3-op amp design and small
size make the device ideal for a wide range of
applications. Current-feedback input circuitry provides
wide bandwidth even at high gain (200 kHz at G = 100).
A single external resistor sets any gain from 1 to
10,000. The INA129-EP provides an industry- standard gain equation; the INA129-EP gain equation
is compatible with the AD620.
The INA129-EP device is laser trimmed for very low
offset voltage, drift, and high common-mode rejection
(113 dB at G ≥ 100). It operates with power supplies
as low as ±2.25 V, and quiescent current is only 750 μA–ideal for battery operated systems. Internal input
protection can withstand up to ±40 V without damage.
The INA129-EP is available in a 8-Pin SOIC surface-
mount package specified for the –55°C to 125°C
temperature range.




Similar Part No. - INA129

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA129 BURR-BROWN-INA129 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129 TI-INA129 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129 TI1-INA129 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129 TI2-INA129 Datasheet
1Mb / 33P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
REVISED FEBRUARY 2015
INA129 TI2-INA129 Datasheet
2Mb / 35P
INA12x Precision, Low-Power Instrumentation Amplifiers
REVISED MAY 2022
More results


Similar Description - INA129

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com