Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA129
Description  INA129-EP Precision, Low Power Instrumentation Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA129 Datasheet HTML 2Page - Texas Instruments INA129 Datasheet HTML 3Page - Texas Instruments INA129 Datasheet HTML 4Page - Texas Instruments INA129 Datasheet HTML 5Page - Texas Instruments INA129 Datasheet HTML 6Page - Texas Instruments INA129 Datasheet HTML 7Page - Texas Instruments INA129 Datasheet HTML 8Page - Texas Instruments INA129 Datasheet HTML 9Page - Texas Instruments INA129 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
INA129-EP
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
At TA = 25°C, VS = ±15 V, RL = 10 kΩ (unless otherwise noted)
TA = 25°C
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
Offset Voltage, RTI
±100
TA = 25°C
±800/G
Initial
µV
±150
Overtemperature
±2050/G
TA = 25°C, VS = ±2.25 V to ±18
±1.6
V
±175/G
vs power supply
µV/V
±1.8
Overtemperature
±175/G
Long-term stability
±1 ±3/G
µV/mo
Impedance, differential
1010 || 2
Ω || pF
Common mode
1011||9
Ω || pF
Common mode voltage
(V+)
−
VO = 0 V
(V+)
− 1.4
V
range(1)
2
(V
−) +
(V
−) + 1.7
V
2
Safe input voltage
±40
V
G = 1
75
86
Overtemperature
67
G = 10
93
106
Overtemperature
84
VCM = ±13 V,
Common-mode rejection
dB
ΔRS = 1 kΩ
G = 100
113
125
Overtemperature
98
G = 1000
113
130
Overtemperature
98
CURRENT
±2
±8
Bias current
nA
Overtemperature
±16
±1
±8
Offset Current
nA
Overtemperature
±16
NOISE
f = 10 Hz
10
f = 100 Hz
8
nV/
√Hz
G = 1000,
Noise voltage, RTI
f = 1 kHz
8
RS = 0 Ω
fB = 0.1 Hz to 10
0.2
µVpp
Hz
f = 10 Hz
0.9
pA/
√Hz
G = 1000,
f = 1 kHz
0.3
Noise current
RS = 0 Ω
fB = 0.1 Hz to 10
30
pAPP
Hz
GAIN
1 +
Gain equation
(49.4
V/V
k
Ω/RG)
Range of gain
1
10000
V/V
(1)
Input common-mode range varies with output voltage — see Typical Characteristics.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com