Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF353P Datasheet (PDF) - Texas Instruments

LF353P Datasheet PDF - Texas Instruments
Part # LF353P
Download  LF353P Download
File Size   881.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF353 Wide-Bandwidth JFET-Input Dual Operational Amplifier

LF353P Datasheet (PDF)

Go To PDF Page Download Datasheet
LF353P Datasheet PDF - Texas Instruments

Part # LF353P
Download  LF353P Click to download

File Size   881.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF353 Wide-Bandwidth JFET-Input Dual Operational Amplifier

LF353P Datasheet (HTML) - Texas Instruments


LF353P Product details

1 Features
1• Low Input Bias Current 50 pA Typical
• Low Input Noise Current 0.01 pA/√Hz Typical
• Low Supply Current 3.6 mA Typical
• High Input Impedance 1012 Ω Typical
• Internally-Trimmed Offset Voltage
• Gain Bandwidth 3 MHz Typical
• High Slew Rate 13 V/μs Typical

2 Applications
• Motor Integrated Systems: UPS
• Drives and Control Solutions: AC Inverter and VF
Drives
• Renewables: Solar Inverters
• Pro Audio Mixers
• Oscilloscopes

3 Description
This LF353 device is a low-cost, high-speed, JFETinput
operational amplifier with very low input offset
voltage. It requires low supply current yet maintains a
large gain-bandwidth product and a fast slew rate. In
addition, the matched high-voltage JFET input
provides very low input bias and offset currents.
The LF353 can be used in applications such as highspeed
integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF353 is characterized for operation from 0°C to
70°C.




Similar Part No. - LF353P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF353P TI-LF353P Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF353P NSC-LF353P Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF353PE4 TI-LF353PE4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - LF353P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com