Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF353P Datasheet(PDF) 4 Page - Texas Instruments

Part # LF353P
Description  LF353 Wide-Bandwidth JFET-Input Dual Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF353P Datasheet(HTML) 4 Page - Texas Instruments

  LF353P Datasheet HTML 1Page - Texas Instruments LF353P Datasheet HTML 2Page - Texas Instruments LF353P Datasheet HTML 3Page - Texas Instruments LF353P Datasheet HTML 4Page - Texas Instruments LF353P Datasheet HTML 5Page - Texas Instruments LF353P Datasheet HTML 6Page - Texas Instruments LF353P Datasheet HTML 7Page - Texas Instruments LF353P Datasheet HTML 8Page - Texas Instruments LF353P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
LF353
SLOS012C – MARCH 1987 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LF353
Submit Documentation Feedback
Copyright © 1987–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+
Supply voltage
18
V
VCC–
Supply voltage
–18
V
VID
Differential input voltage
±30
V
VI
Input voltage(2)
±15
V
Duration of output short circuit
Unlimited
s
Continuous total power dissipation
500
mW
Lead temperature 1.6 mm (1/16 inch) from case for 10 s
260
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage
3.5
18
V
VCC–
Supply voltage
–3.5
–18
V
VCM
Common-mode voltage
VCC– + 4
VCC+ – 4
V
TA
Operating temperature
0
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LF353
UNIT
D (SOIC)
P (PDIP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
106.6
55.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.5
45
°C/W
RθJB
Junction-to-board thermal resistance
46.5
32.2
°C/W
ψJT
Junction-to-top characterization parameter
9.8
22.6
°C/W
ψJB
Junction-to-board characterization parameter
46.1
32.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com