Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248 Datasheet (PDF) - Texas Instruments

LM3248 Datasheet PDF - Texas Instruments
Part # LM3248
Download  LM3248 Download
File Size   892.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)

LM3248 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3248 Datasheet PDF - Texas Instruments

Part # LM3248
Download  LM3248 Click to download

File Size   892.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)

LM3248 Datasheet (HTML) - Texas Instruments


LM3248 Product details

1FEATURES
2• Output Voltage VOUT Adjustable from 0.4V to
4.0V (typ.)
• Input Voltage Range VIN from 2.7V to 5.5V
• Boost-Buck and Buck (Boost-Bypass)
Operating Modes with Seamless Transition
• 2.5A Load Current Capability
• High Conversion Efficiency (> 90% typ.)
• High-Efficiency PFM/PWM Modes with
Seamless Transition
• Very Fast Transient Response: 10 μs
• ACB Reduces Inductor Size Requirements
• Dither to aid RX Band Noise Compliance

APPLICATIONS
• Multi-mode 2G/3G/4G and 3GPP/LTE Smart-
phones and Tablets
• Hand-Held Radios
• RF Mobile Devices

DESCRIPTION
The LM3248 is a PWM/PFM Boost-Buck DC/DC
converter that provides efficient utilization of battery
power over a wide voltage range. The device
architecture is suitable for advanced RF front-end
systems that demand dynamic voltage and current to
support converged power amplifier architectures
operating in 2G/3G/4G and 3GPP/LTE modes. For example, the LM3248 is designed to produce higher
output voltages while maintaining PFM mode as
required by some new reduced-power CMOS PAs.
The extremely fast Boost-Buck function reduces RF
PA overhead power dissipation, extending battery talk time. The device will operate at input voltage VIN
range of 2.7V to 5.5V and an adjustable output
voltage VOUT range of 0.4V to 4.0V at a maximum
current load of 2.5A.
The LM3248 is available in a 30-bump, lead-free thin
DSBGA package.




Similar Part No. - LM3248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMENOPB TI1-LM3248TMENOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMX/NOPB TI1-LM3248TMX/NOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results


Similar Description - LM3248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com