Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 2 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SW_
BUCK
OUT_
BOOST
SW_
BOOST
SW_
BOOST
SW_
BOOST
PVIN_
BOOST
PVIN_
BOOST
FB_
BUCK
ENABLE
ATB2
PVIN_
BUCK
NC
SW_
BUCK
OUT_
BOOST
PGND
ACB
DGND
PVIN_
BUCK
ATB1
ACB
PGND
SGND_
BUCK
SGND_
BOOST
BOOST_
GATE
MODE
VDD2_
BUCK
VDD1_
BUCK
BGND
VCON
VDD_
BOOST
A
B
C
D
E
F
1
2
3
4
5
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3248 utilizes step-up (Boost) and variable output step-down (Buck) DC/DC converters. Combining a
cascaded Boost and Buck converter in a single package is ideal for powering the latest multimode/multi-standard
RF power amplifiers. The Boost converter provides the RF power subsystem the capability to operate at lower
battery voltages as well as to maintain increased PA linearity and transmit power margins over a wider battery
voltage supply range.
The Buck has a unique Active Current assist and analog Bypass (ACB) feature to minimize inductor size without
any loss of output regulation for the entire battery voltage and RF output power range, until dropout. ACB
provides a parallel current path, when needed, to limit the maximum inductor current while still driving a 2.5A
load. The LM3248 may also be configured as a Buck-only converter with a boost bypass feature to enable
highest efficiency operation with minimal dropout voltage when the Boost is not needed.
The LM3248 automatically and seamlessly transitions between Pulse Width Modulation (PWM) and Pulse
Frequency Modulation (PFM) modes for high-efficiency operation with both full and light load conditions.
Connection Diagram
Figure 1. 30-Bump Thin DSBGA Package (0.4 mm pitch)
(Top View, bumps down)
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com