Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments LM3248 Datasheet HTML 11Page - Texas Instruments LM3248 Datasheet HTML 12Page - Texas Instruments LM3248 Datasheet HTML 13Page - Texas Instruments LM3248 Datasheet HTML 14Page - Texas Instruments LM3248 Datasheet HTML 15Page - Texas Instruments LM3248 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
VBATT
IOUT
500mA/DIV
500mV/DIV
50mV/DIV
100µS/DIV
IOUT
500mA/DIV
500mV/DIV
50mV/DIV
100µS/DIV
VBUCK_OUT(AC)
VBATT
VBATT
IOUT
500mA/DIV
500mV/DIV
100mV/DIV
VBUCK_OUT(AC)
100µS/DIV
3.6V to
4.2V
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
Load Current (A)
0.4Vout
0.6Vout
0.8Vout
1.0Vout
1.8Vout
2.5Vout
3.0Vout
3.4Vout
C011
60
65
70
75
80
85
90
95
100
0.15
1.50
Load Current (A)
0.8Vout
1.0Vout
1.8Vout
2.5Vout
3.0Vout
3.4Vout
C015
60
65
70
75
80
85
90
95
100
0.15
1.50
Load Current (A)
0.8Vout
1.0Vout
1.8Vout
2.5Vout
3.0Vout
3.4Vout
C014
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all Efficiency vs Load Current graphs, L1=1276AS-H-1R0N, L3=1285AS-H-1R5N.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.7V, MODE=2G, TBOOSTGATE=4.62ms
VBATT=4.0V, MODE=2G, TBOOSTGATE=4.62ms
Figure 15.
Figure 16.
Line Transient
Efficiency vs Load Current
VBATT=4.0V, MODE=2G, BOOST_GATE=LOW
VBATT=3.6V↔4.2V, TR=TF= 10µS, VOUT=1.0V, Load=600mA
Figure 17.
Figure 18.
Load Transient
Load Transient
VBATT=3.0V, VOUT=3.6V, MODE=1.8V, Load=0↔2A,
VBATT=3.8V, VOUT=3.0V, MODE=LOW, Load= 0A↔1.2A,
TR=TF=10µS
TR=TF=10µS
Figure 19.
Figure 20.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com