Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 17Page - Texas Instruments LM3248 Datasheet HTML 18Page - Texas Instruments LM3248 Datasheet HTML 19Page - Texas Instruments LM3248 Datasheet HTML 20Page - Texas Instruments LM3248 Datasheet HTML 21Page - Texas Instruments LM3248 Datasheet HTML 22Page - Texas Instruments LM3248 Datasheet HTML 23Page - Texas Instruments LM3248 Datasheet HTML 24Page - Texas Instruments LM3248 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM3248
PVIN_
BOOST
SW_BOOST
SW_
BUCK
FB_
BUCK
VCON
PGND SGND
ENABLE
MODE
VBATT
VOUT
ACB
BOOST GATE
VCC_PA_2G
BB or
RFIC
DAC
GPO2
GPO1
BGND
1.5 µH
10 µF
2.2 µF
PA
4.7 µF
PA(s)
VCC_PA_3G
1 nF
GPO3
1.0 µH
L1
10 µF
C2
C1
10 nF
C34
C27
1 µF
Lo ESL
C28
10 µF
L3
C7
3.3 nF
C8
C3
C20
C5
3.3 nF
C19
330 pF
VBATT_PA
VBATT_PA
U2
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
To help minimize noise coupled back into power supplies:
•
Use a star connection to route from the VBATT power source to the LM3248 PVIN_BOOST pins and to
the PA device VBATT pins.
•
Include sufficient decoupling capacitance, for both low and high frequency, at the PA VBATT connections.
•
Route traces for minimum inductance (short, wide connections) between supply pins and bypass capacitor(s).
•
Route traces to minimize inductance between bypass capacitors and the ground plane.
•
Utilize necessary power supply trace inductance(s) to reduce coupling between function blocks.
•
Inserting a ferrite bead in series with the VBATT power supply trace may offer a favorable tradeoff between
board area and additional shunt bypass capacitors, by attenuating noise that might otherwise propagate
through the supply connections.
4. LM3248 RF Evaluation Board
Figure 29. Simplified LM3248 RF Evaluation Board Schematic
LM3248 PCB Placement Considerations
1. Input Capacitor C2 should be placed closer to LM3248 than C1.
2. Optional to add a 1 nF (C34) capacitor on the input of LM3248 for high frequency filtering.
3. Bulk Output Capacitor C7 should be placed closer to LM3248 than C8.
4. Connect GND terminals of C7, C8 and C34 directly to System RF GND layer of phone board.
5. Connect GND terminals of boost output C27 and buck input C28 capacitors to copper PGND island on the
component side. This island is then tied to the system ground layer through several vias.
6. Connect bumps SGND_BOOST(B2), SGND_BUCK(C3), DGND(E3), and BGND (F3) directly to system
ground layer.
7. Small high-frequency filtering capacitors (e.g., C34) work better when they are connected to system ground
instead of the PGND island. These capacitors should be 0201 (0603 metric) or 01005 (0402 metric) case
size for minimum footprint and best high frequency characteristics.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com