Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet (PDF) - Texas Instruments

MSP430F423IPM Datasheet PDF - Texas Instruments
Part # MSP430F423IPM
Download  MSP430F423IPM Download
File Size   942.69 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F42x Mixed-Signal Microcontrollers

MSP430F423IPM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F423IPM Datasheet PDF - Texas Instruments

Part # MSP430F423IPM
Download  MSP430F423IPM Click to download

File Size   942.69 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F42x Mixed-Signal Microcontrollers

MSP430F423IPM Datasheet (HTML) - Texas Instruments


MSP430F423IPM Product details

1.1 Features 1
• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption:
– Active Mode: 400 μA at 1 MHz, 3 V
– Standby Mode: 1.6 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Wake up From Standby Mode in Less Than 6 μs
• Frequency-Locked Loop, FLL+
• 16-Bit RISC Architecture, 125-ns Instruction Cycle
Time
• Three Independent 16-Bit Sigma-Delta Analog-to-
Digital Converters (ADCs) With Differential PGA
Inputs
• 16-Bit Timer_A With Three Capture/Compare
Registers
• Integrated LCD Driver for 128 Segments
• Serial Communication Interface (USART),
Asynchronous UART or Synchronous SPI
Selectable by Software
• Brownout Detector
• Supply Voltage Supervisor and Monitor With
Programmable Level Detection
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• Bootloader (BSL)
• Family Members Include:
– MSP430F423
8KB + 256 B of Flash Memory, 256 B of RAM
– MSP430F425
16KB + 256 B of Flash Memory, 512 B of RAM
– MSP430F427
32KB + 256 B of Flash Memory, 1KB of RAM
• Available in 64-Pin Quad Flat Pack (LQFP)
• For Complete Module Descriptions, See the
MSP430x4xx Family User's Guide

1.2 Applications
• Handheld Metering Equipment
• Weigh Scales
• Energy Meters

1.3 Description
The TI MSP430™ family of ultra-low-power microcontrollers consists of several devices featuring different
sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from lowpower
modes to active mode in less than 6 μs.
The MSP430F42x series are microcontroller configurations with three independent 16-bit sigma-delta
ADCs, each with an integrated differential programmable gain amplifier input stage. Also included is a
built-in 16-bit timer, 128-segment LCD drive capability, hardware multiplier, and 14 I/O pins.
Typical applications include high-resolution applications such as handheld metering equipment, weigh
scales, and energy meters.




Similar Part No. - MSP430F423IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F423IPM TI-MSP430F423IPM Datasheet
561Kb / 39P
MIXED SIGNAL MICROCONTROLLER
MSP430F423IPM TI-MSP430F423IPM Datasheet
922Kb / 45P
MIXED SIGNAL MICROCONTROLLER
MSP430F423IPM TI1-MSP430F423IPM Datasheet
1Mb / 48P
MIXED SIGNAL MICROCONTROLLER
MSP430F423IPM TI1-MSP430F423IPM Datasheet
1Mb / 59P
Mixed-Signal Microcontrollers
MSP430F423IPMR TI-MSP430F423IPMR Datasheet
922Kb / 45P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F423IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com