Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP430F423IPM
Description  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F423IPM Datasheet HTML 1Page - Texas Instruments MSP430F423IPM Datasheet HTML 2Page - Texas Instruments MSP430F423IPM Datasheet HTML 3Page - Texas Instruments MSP430F423IPM Datasheet HTML 4Page - Texas Instruments MSP430F423IPM Datasheet HTML 5Page - Texas Instruments MSP430F423IPM Datasheet HTML 6Page - Texas Instruments MSP430F423IPM Datasheet HTML 7Page - Texas Instruments MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
4
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Revision History
Copyright © 2004–2016, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from June 2, 2007 to November 14, 2016
Page
•
Format and organization changes throughout document, including addition of section numbering
....................... 1
•
Added Section 3
...................................................................................................................... 5
•
Added Section 5 and moved all electrical and timing specifications to it
.................................................... 10
•
Added Section 5.2, ESD Ratings
.................................................................................................. 10
•
Changed the MAX value of the I(LPM3) parameter at 85°C from 2.6 to 3.5 µA in Section 5.4, Supply Current Into
AVCC and DVCC Excluding External Current ..................................................................................... 11
•
Added Section 5.5, Thermal Resistance Characteristics, PM Package (LQFP-64)
........................................ 12
•
Changed all cases of "bootstrap loader" to "bootloader"
....................................................................... 32
•
Changed all instances of Port/LCD to Port/LCD (added overline)
............................................................ 40
•
Changed the value of the Port/LCD column in Table 6-14, Port P1 (P1.2 to P1.7) Pin Functions
....................... 40
•
Changed the value of the Port/LCD column in Table 6-15, Port P2 (P2.0 and P2.1) Pin Functions
..................... 41
•
Added Section 7, Device and Documentation Support
......................................................................... 46
•
Added Section 8, Mechanical, Packaging, and Orderable Information
...................................................... 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com