Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG47004 Datasheet (PDF) - Renesas Technology Corp

SLG47004 Datasheet PDF - Renesas Technology Corp
Part # SLG47004_V01
Download  SLG47004 Download
File Size   14446.95 Kbytes
Page   302 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features

SLG47004 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG47004 Datasheet PDF - Renesas Technology Corp

Part # SLG47004_V01
Download  SLG47004 Click to download

File Size   14446.95 Kbytes
Page   302 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features

SLG47004 Datasheet (HTML) - Renesas Technology Corp


SLG47004 Product details

General Description
The SLG47004 provides a small, low power component for commonly used analog signal processing and mixed-signal functions. Individual, tunable, analog components used in conjunction with configurable logic provide a way to solve a wide variety of tasks with minimal costs. The user creates their circuit design by programming the multiple time Non-Volatile Memory (NVM) to configure the interconnect logic, the analog and digital macrocell, and the IO Pins of the SLG47004.

Key Features
 Two Programmable Bandwidth Op Amps
 3-Op Amp Instrumentation Amplifier Function (including Additional Internal Op Amp)
 Rail to Rail Input
 Low Quiescent Current
 Low Offset Voltage
 Analog Comparator Mode
 Optional Vref Voltage Connection for Input Pins
 Two 1024 Position Digital Rheostats
 User Defined Auto-Trim Option
 Manual Control Option
 I2C Control Option
 Potentiometer Mode
 Two Single-Pole/Single-Throw Analog Switches
 Voltage or Current Source/Sink Mode
 One Low Offset Chopper Comparator
 Two Low Power General Purpose ACMPs
 ACMP Sampling Mode
 Hysteresis with Independently-Selectable Thresholds
 Three Voltage References
 Two ACMP Vref Output Buffers
 One High Drive Buffer
 Thirteen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 One Selectable Programmable Pattern Generator or 2-bit LUT
 Seven Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter or 3-bit LUT
 One Selectable DFF/LATCH or 4-bit LUT
 Seven Multi-Function Macrocells
 Six Selectable DFF/LATCH or 3-bit LUTs + 8-bit Delay/Counters
 One Selectable DFF/LATCH or 4-bit LUT + 16-bit Delay/Counter
 Serial Communications
 I2C Protocol Interface
 2-kbit (256 x 8) I2C-Compatible (2-Wire) Serial EEPROM Emulation with Software Write Protection
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Three Oscillators
 2.048 kHz Oscillator
 2.048 MHz Oscillator
 25 MHz Oscillator
 Analog Temperature Sensor
 Power-On Reset
 In-System Programmability
 Multiple Time Programmable Memory
 Wide Range Power Supply
 2.5 V (±4 %) to 5 V (±10 %) VDD
 Operating Temperature Range: -40 °C to +85 °C
 RoHS Compliant/Halogen-Free
 Package Available
 24-pin STQFN: 3 mm x 3 mm x 0.55 mm, 0.4 mm pitch

Applications
 Adjust Precision Threshold
 Sensor Offset Trimming/Calibration
 Tunable Analog Filters
 Operational Amplifier Adjustable Gain and Offset
 Adjustable Voltage-to-Current Conversions
 Personal Computers and Servers
 PC Peripherals
 Consumer Electronics
 Data Communications Equipment
 Handheld and Portable Electronics
 Smartphones and Fitness Bands
 Notebook and Tablet PCs




Similar Part No. - SLG47004_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG47004 RENESAS-SLG47004_V02 Datasheet
14Mb / 303P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
19-Nov-2024
More results


Similar Description - SLG47004_V01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46824 DIALOG-SLG46824 Datasheet
1Mb / 152P
GreenPAK Programmable Mixed Signal Matrix with In System
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG47004 DIALOG-SLG47004 Datasheet
12Mb / 292P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
SLG47105 DIALOG-SLG47105 Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
logo
Renesas Technology Corp
SLG46824 RENESAS-SLG46824 Datasheet
2Mb / 170P
GreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG47004 RENESAS-SLG47004 Datasheet
15Mb / 302P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
7-Mar-2022
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46826 RENESAS-SLG46826 Datasheet
3Mb / 188P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability
27-Feb-2023
SLG47105 RENESAS-SLG47105 Datasheet
4Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
1-Mar-2023
SLG47115 RENESAS-SLG47115 Datasheet
4Mb / 256P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com