Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWR Datasheet (PDF) - Texas Instruments

SN74LVC4245APWR Datasheet PDF - Texas Instruments
Part # SN74LVC4245APWR
Download  SN74LVC4245APWR Download
File Size   910.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs

SN74LVC4245APWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC4245APWR Datasheet PDF - Texas Instruments

Part # SN74LVC4245APWR
Download  SN74LVC4245APWR Click to download

File Size   910.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs

SN74LVC4245APWR Datasheet (HTML) - Texas Instruments


SN74LVC4245APWR Product details

1 Features
• Bidirectional voltage translator
• 5.5 V on A port and 2.7 V to 3.6 V on B port
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• Latch-up performance exceeds 250 mA per JESD
17
• ESD protection exceeds JESD 22
– 2000-V Human-Body Model
– 1000-V Charged-Device Model

2 Applications
• ATCA solutions
• CPAP machines
• Cameras: surveillance analog
• Chemical or gas sensors
• CT scanners
• DLP 3D machine vision and optical networking
• Digital signage
• ECGs: electrocardiograms
• Field transmitters: pressure sensors and
temperature sensors
• High-speed data acquisition and generation
• HMI (human machine interface)
• RF4CE remote controls
• Server motherboards
• Software defined radios (SDR)
• Wireless LAN cards and data access cards
• X-ray: medical, dental, and baggage scanners

3 Description
This 8-bit (octal) noninverting bus transceiver contains
two separate supply rails; B port has VCCB, which is
set at 3.3 V, and A port has VCCA, which is set at 5
V. This allows for translation from a 3.3-V to a 5-V
environment, and vice versa.
The SN74LVC4245A device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the
B bus or from the B bus to the A bus, depending
on the logic level at the direction-control (DIR) input.
The output-enable (OE) input can be used to disable
the device so the buses are effectively isolated. The
control circuitry (DIR, OE) is powered by VCCA.
The SN74LVC4245A device terminal out allows the
designer to switch to a normal all-3.3-V or all-5-V
20-terminal SN74LVC4245 device without board relayout.
The designer uses the data paths for pins 2–
11 and 14–23 of the SN74LVC4245A device to align
with the conventional '245 terminal out.




Similar Part No. - SN74LVC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWRE4 TI-SN74LVC4245APWRE4 Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWRE4 TI-SN74LVC4245APWRE4 Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74LVC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI1-SN74LVC4245A-EP_15 Datasheet
513Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com