Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274 Datasheet (PDF) - Texas Instruments

TLC2274 Datasheet PDF - Texas Instruments
Part # TLC2274
Download  TLC2274 Download
File Size   811.77 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC2274-HT Advanced LinCMOS™ Rail-to-Rail Operational Amplifier

TLC2274 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC2274 Datasheet PDF - Texas Instruments

Part # TLC2274
Download  TLC2274 Click to download

File Size   811.77 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC2274-HT Advanced LinCMOS™ Rail-to-Rail Operational Amplifier

TLC2274 Datasheet (HTML) - Texas Instruments


TLC2274 Product details

1 Features
1• Qualified for Automotive Applications
• Qualified in Accordance With AEC-Q100
• Output Swing Includes Both Supply Rails
• Low Noise: 9 nV/√Hz Typ at ƒ = 1 kHz
• Low Input Bias Current: 1 pA Typical
• Fully Specified for Both Single-Supply and Split-
Supply Operation
• Common-Mode Input Voltage Range Includes
Negative Rail
• High-Gain Bandwidth: 2.2 MHz Typical
• High Slew Rate: 3.6 V/μs Typical
• Low Input Offset Voltage 2500-μV Max at T A =
25°C
• Macromodel Included

2 Applications
• Supports Extreme Temperature Applications:
– Controlled Baseline
– One Assembly and Test Site
– One Fabrication Site
– Available in Extreme (–40°C to 150°C)
Temperature Range (1)
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability
– Texas Instruments' high temperature products
use highly-optimized silicon (die) solutions with
design and process enhancements to
maximize performance over extended
temperatures. All devices are characterized
and qualified for 1000 hours continuous
operating life at maximum rated temperature.

3 Description
The TLC2274 is a quadruple operational amplifier
from Texas Instruments. The device exhibits rail-to- rail output performance for increased dynamic range
in single- or split-supply applications. The TLC2274
offers 2 MHz of bandwidth and 3 V/μs of slew rate for
higher speed applications. These device offers comparable ac performance while having better
noise, input offset voltage, and power dissipation than
existing CMOS operational amplifiers. The TLC2274
has a noise voltage of 9nV/√Hz, two times lower than
competitive solutions.
The TLC2274, exhibiting high input impedance and
low noise, is excellent for small-signal conditioning for
high-impedance sources, such as piezoelectric
transducers. Because of the micropower dissipation
levels, this device works well in hand-held monitoring
and remote-sensing applications. In addition, the railto-
rail output feature, with single- or split-supplies,
makes this device a great choice when interfacing
with analog-to-digital converters (ADCs). This family is fully characterized at 5 V and ±5 V.
It offers increased output dynamic range, lower noise
voltage, and lower input offset voltage. This
enhanced feature set allows the device to be used in
a wider range of applications.




Similar Part No. - TLC2274

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274 TI-TLC2274 Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274 TI-TLC2274 Datasheet
1Mb / 29P
TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274 TI1-TLC2274 Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274 TI1-TLC2274 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274 TI1-TLC2274 Datasheet
1Mb / 43P
Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results


Similar Description - TLC2274

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com