Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2274
Description  TLC2274-HT Advanced LinCMOS™ Rail-to-Rail Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2274 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2274 Datasheet HTML 4Page - Texas Instruments TLC2274 Datasheet HTML 5Page - Texas Instruments TLC2274 Datasheet HTML 6Page - Texas Instruments TLC2274 Datasheet HTML 7Page - Texas Instruments TLC2274 Datasheet HTML 8Page - Texas Instruments TLC2274 Datasheet HTML 9Page - Texas Instruments TLC2274 Datasheet HTML 10Page - Texas Instruments TLC2274 Datasheet HTML 11Page - Texas Instruments TLC2274 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Continuous TJ (°C)
110
120
130
140
150
160
170
180
1
2
3
5
10
20
30
50
100
200
300
500
1000
D006
Electromigration Fail Mode
TLC2274-HT
SGLS416 – JANUARY 2015
www.ti.com
6.8 Operating Characteristics, VDD± = ±5 V
at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
VO = ±2.3 V,
CL = 100 pF
25°C
2.3
3.6
SR
Slew rate at unity gain
V/
μs
RL = 10 kΩ
Full range
1.2
f = 10 Hz
25°C
50
Equivalent input noise
Vn
nV/
√Hz
voltage
f = 1 kHz
25°C
9
f = 0.1 to 1 Hz
25°C
1
Peak-to-peak equivalent
VN(pp)
μV
input noise voltage
f = 0.1 to 10 Hz
25°C
1.4
Equivalent input noise
In
25°C
0.6
fA/
√Hz
current
AV = 1
0.0011%
VO = ±2.3 V,
Total harmonic distortion
THD + N
f = 20 kHz,
AV = 10
25°C
0.004%
plus noise
RL = 10 kΩ
AV = 100
0.03%
f = 10 kHz,
RL = 10 kΩ
Gain-bandwidth product
25°C
2.25
MHz
CL = 100 pF
BOM
Maximum output-swing
VO(PP) = 4.6 V,
AV = 1,
25°C
0.54
MHz
bandwidth
RL = 10 kΩ
CL = 100 pF
AV = -1,
To 0.1%
1.5
Step = -2.3 V to 2.3 V,
ts
Settling time
25°C
μs
RL = 10 kΩ
To 0.01%
3.2
CL = 100 pF
φm
Phase margin at unity gain
25°C
52°
RL = 10 kΩ,
CL = 100 pF
Gain margin
25°C
10
dB
(1)
Full range is
−40°C to 150°C for this part.
A.
See data sheet for Absolute Maximum Ratings and minimum Recommended Operating Conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 2. TLC2274EPWRQ1 Operating Life Derating Chart
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com