Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2274
Description  TLC2274-HT Advanced LinCMOS™ Rail-to-Rail Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2274 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2274 Datasheet HTML 8Page - Texas Instruments TLC2274 Datasheet HTML 9Page - Texas Instruments TLC2274 Datasheet HTML 10Page - Texas Instruments TLC2274 Datasheet HTML 11Page - Texas Instruments TLC2274 Datasheet HTML 12Page - Texas Instruments TLC2274 Datasheet HTML 13Page - Texas Instruments TLC2274 Datasheet HTML 14Page - Texas Instruments TLC2274 Datasheet HTML 15Page - Texas Instruments TLC2274 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
0
20
1 k
10 k
100 k
1 M
40
60
80
f − Frequency − Hz
10 M
VDD = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
−20
−40
−90°
−45°
0°
45°
90°
135°
180°
Free-Air Temperature, TA (°C)
-50
-25
0
25
50
75
100
125
150
175
200
1
2
3
5
7
10
20
30
50
70
100
D003
0
20
1 k
10 k
100 k
1 M
40
60
80
f − Frequency − Hz
10 M
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
−20
−40
−90°
−45°
0°
45°
90°
135°
180°
0.1
1
0.1
1
10
100
10
100
1000
RL − Load Resistance − k Ω
VO = ± 1 V
TA = 25°C
VDD = ±5 V
VDD = 5 V
3
2
1
0
800
4
5
1200
VID − Differential Input V oltage − µV
−800
−400
400
0
VDD = 5 V
TA = 25°C
RL = 10 kΩ
VIC = 2.5 V
1
−1
−3
−5
0
250
3
5
500
750 1000
VID − Differential Input V oltage − µV
−1000 −750
−250
−500
VDD = ± 5 V
TA = 25°C
RL = 10 kΩ
VIC = 0 V
TLC2274-HT
SGLS416 – JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the devices.
Figure 17. Output Voltage vs Differential Input Voltage
Figure 16. Output Voltage vs Differential Input Voltage
Figure 18. Large-Signal Differential Voltage Amplification vs
Figure 19. Large-Signal Differential Voltage Amplification
Load Resistance
and Phase Margin vs Frequency
VDD = 5 V
VIC = 2.5 V
VO = 1 to 4 V
RL = 10 kΩ
Figure 20. Large-Signal Differential Voltage Amplification
Figure 21. Large-Signal Differential Voltage Amplification vs
and Phase Margin vs Frequency
Free-Air Temperature
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com