Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP300-Q1 Datasheet (PDF) - Texas Instruments

TMP300-Q1 Datasheet PDF - Texas Instruments
Part # TMP300-Q1
Download  TMP300-Q1 Download
File Size   994.95 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70

TMP300-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP300-Q1 Datasheet PDF - Texas Instruments

Part # TMP300-Q1
Download  TMP300-Q1 Click to download

File Size   994.95 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70

TMP300-Q1 Datasheet (HTML) - Texas Instruments


TMP300-Q1 Product details

1FEATURES
2• ACCURACY: ±1°C (typical at +25°C)
• PROGRAMMABLE TRIP POINT
• PROGRAMMABLE HYSTERESIS: 5°C/10°C
• OPEN-DRAIN OUTPUTS
• LOW-POWER: 110μA (max)
• WIDE VOLTAGE RANGE: +1.8V to +18V
• OPERATION: –40°C to +150°C
• ANALOG OUT: 10mV/°C
• SC70-6 PACKAGE

APPLICATIONS
• QUALIFIED FOR for AUTOMOTIVE
APPLICATIONS
• POWER-SUPPLY SYSTEMS
• DC-DC MODULES
• THERMAL MONITORING
• ELECTRONIC PROTECTION SYSTEMS

DESCRIPTION
The TMP300B-Q1 is a low-power,
resistor-programmable, digital output temperature
switch. It allows a threshold point to be set by adding
an external resistor. Two levels of hysteresis are
available. The TMP300B-Q1 has a VTEMP analog
output that can be used as a testing point or in temperature-compensation loops.
With a supply voltage as low as 1.8V and low current
consumption, the TMP300B-Q1 is ideal for
power-sensitive systems.
Available in two micropackages that have proven
thermal characteristics, this part gives a complete and
simple solution for users who need simple and
reliable thermal management.




Similar Part No. - TMP300-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI2-TMP300-Q1 Datasheet
1,010Kb / 23P
TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
REVISED JANUARY 2023
More results


Similar Description - TMP300-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com