Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP300-Q1 Datasheet (PDF) - Texas Instruments

TMP300-Q1 Datasheet PDF - Texas Instruments
Part # TMP300-Q1
Download  TMP300-Q1 Download
File Size   1010.22 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70

TMP300-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP300-Q1 Datasheet PDF - Texas Instruments

Part # TMP300-Q1
Download  TMP300-Q1 Click to download

File Size   1010.22 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70

TMP300-Q1 Datasheet (HTML) - Texas Instruments


TMP300-Q1 Product details

1 Features
• Accuracy: ±1°C (typical at +25°C)
• Programmable trip point
• Programmable hysteresis: 5°C/10°C
• Open-drain outputs
• Low power: 110 μA (maximum)
• Wide voltage range: +1.8 V to +18 V
• Temperature range: –40°C to +125°C
• Analog out: 10mV/°C
• SC70-6 and SOT23-6 packages

2 Applications
• Power-supply systems
• DC-DC modules
• Thermal monitoring
• Electronic protection systems

3 Description
The TMP300 is a low-power, resistor-programmable,
digital output temperature switch. The device allows
a threshold point to be set by adding an external
resistor. Two levels of hysteresis are available. The
TMP300 has a VTEMP analog output that can be used
as a testing point or in temperature-compensation
loops.
Available in two micropackages with proven thermal
characteristics, low current consumption, and a supply
voltage as low as 1.8 V, the TMP300 is designed
for power-sensitive systems that require simple and
reliable thermal management.




Similar Part No. - TMP300-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI2-TMP300-Q1 Datasheet
994Kb / 16P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
DECEMBER 2011
More results


Similar Description - TMP300-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com