Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813 Datasheet (PDF) - Texas Instruments

TPS3813 Datasheet PDF - Texas Instruments
Part # TPS3813
Download  TPS3813 Download
File Size   989.04 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog

TPS3813 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3813 Datasheet PDF - Texas Instruments

Part # TPS3813
Download  TPS3813 Click to download

File Size   989.04 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog

TPS3813 Datasheet (HTML) - Texas Instruments


TPS3813 Product details

1 Features
• Window-watchdog with programmable delay and
window ratio
• 6-Pin SOT-23 package
• Supply current of 9μA (typical)
• Power-on reset generator with a fixed delay time of
25ms
• Precision supply voltage monitor (VIT):
2.5V, 3V, 3.3V, and 5V
• Open-drain reset output
• Temperature range: –40°C to 85°C

2 Applications
• Active Antenna System mMIMO (AAS)
• Storage area network
• Electricity meters
• Safety critical systems
• Infustion pump
• HVAC controller

3 Description
The TPS3813xxx family of supervisory circuits provide
circuit initialization and timing supervision, primarily
for DSPs and processor-based systems.
During power on, RESET is asserted when supply
voltage (VDD) becomes higher than 1.1V. Thereafter,
the supervisory circuit monitors VDD and keeps
RESET active as long as VDD remains below the
threshold voltage (VIT). An internal timer delays the
return of the output to the inactive state (high) to
ensure proper system reset. The delay time,
td = 25ms typical, starts after VDD has risen above
the threshold voltage (VIT). When the supply voltage
drops below the threshold voltage (VIT), the output
becomes active (low) again. No external components
are required. All the devices of this family have a
fixed-sense threshold voltage (VIT) set by an internal
voltage divider.
For safety critical applications the TPS3813xxx
family incorporates a so-called window-watchdog
with programmable delay and window ratio. The
upper limit of the watchdog time-out can be set
by either connecting WDT to GND, VDD, or using
an external capacitor. The lower limit and thus the
window ratio is set by connecting WDR to GND or
VDD. The supervised processor now needs to trigger
the TPS3813xxx within this window not to assert a
RESET.
The product spectrum is designed for supply voltages
of 2.5V, 3V, 3.3V, and 5V. The circuits are available in
a 6-pin SOT-23 package.
The TPS3813xxx devices are characterized for
operation over a temperature range of –40°C to 85°C.




Similar Part No. - TPS3813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813 TI1-TPS3813 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3813 TI2-TPS3813 Datasheet
1,003Kb / 25P
TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog
REVISED OCTOBER 2021
TPS3813-Q1 TI1-TPS3813-Q1 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3813-Q1 TI2-TPS3813-Q1 Datasheet
1,003Kb / 25P
TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog
REVISED OCTOBER 2021
TPS3813I50 TI-TPS3813I50 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Similar Description - TPS3813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
Processor Supervisory Circuits With Window-Watchdog
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com