Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813 Datasheet (PDF) - Texas Instruments

TPS3813 Datasheet PDF - Texas Instruments
Part # TPS3813
Download  TPS3813 Download
File Size   1003.25 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog

TPS3813 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3813 Datasheet PDF - Texas Instruments

Part # TPS3813
Download  TPS3813 Click to download

File Size   1003.25 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog

TPS3813 Datasheet (HTML) - Texas Instruments


TPS3813 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM classification level 2
– Device CDM classification level C4B
• Window-watchdog with programmable delay and
window ratio
• 6-Pin SOT-23 package
• Supply current of 9 μA (Typical)
• Power-on reset generator with a fixed delay time of
25 ms
• Precision supply-voltage monitor (VIT):
2.5 V, 3 V, 3.3 V, 5 V
• Open-drain reset output

2 Applications
• On-board (OBC) and wireless charger
• Driver monitoring
• Digital cockpit processing unit
• ADAS domain controller
• Automotive telematics control unit

3 Description
The TPS3813-Q1 supervisory circuits provide circuit
initialization and timing supervision, primarily for DSPs
and processor-based systems.
During power on, the RESET pin is asserted when
the supply voltage (VDD) becomes higher than 1.1 V.
Thereafter, the supervisory circuit monitors VDD and
keeps the RESET pin active as long as VDD remains
below the threshold voltage (VIT).
An internal timer delays the return of the output to the
inactive (high) state to ensure proper system reset.
The delay time, td = 25 ms typical, begins after VDD
has risen above the threshold voltage (VIT). When
the supply voltage drops below the threshold voltage
(VIT), the output becomes active (low) again. No
external components are required. All the devices of
this family have a fixed-sense threshold voltage (VIT)
set by an internal voltage divider.
For safety-critical applications, the TPS3813-Q1
family of devices incorporate a window-watchdog with
programmable delay and window ratio. The upper
limit of the watchdog time-out can be set by either
connecting the WDT pin to GND or VDD, or by using
an external capacitor. The lower limit, and thus the
window ratio, is set by connecting the WDR pin to
GND or VDD. The RESET pin will assert a reset to the
microcontroller if the watchdog is incorrectly serviced.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The devices are
available in a 6-pin SOT-23 package. The devices are
characterized for operation over a temperature range
of –40°C to 125°C.




Similar Part No. - TPS3813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813 TI1-TPS3813 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3813 TI2-TPS3813 Datasheet
989Kb / 25P
TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
REVISED AUGUST 2024
TPS3813-Q1 TI1-TPS3813-Q1 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3813-Q1 TI2-TPS3813-Q1 Datasheet
989Kb / 25P
TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
REVISED AUGUST 2024
TPS3813I50 TI-TPS3813I50 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Similar Description - TPS3813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
Processor Supervisory Circuits With Window-Watchdog
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI1-TPS3436-Q1_V02 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com