Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW5361FM Datasheet (PDF) - JOULWATT

JW5361FM Datasheet PDF - JOULWATT
Part # JW5361FM
Download  JW5361FM Download
File Size   1138.19 Kbytes
Page   15 Pages
Manufacturer  JW [JOULWATT]
Direct Link  https://www.joulwatt.com/en/
Logo JW - JOULWATT
Description 18V/3A Sync. Step-Down Converter

JW5361FM Datasheet (PDF)

Go To PDF Page Download Datasheet
JW5361FM Datasheet PDF - JOULWATT

Part # JW5361FM
Download  JW5361FM Click to download

File Size   1138.19 Kbytes
Page   15 Pages
Manufacturer  JW [JOULWATT]
Direct Link  https://www.joulwatt.com/en/
Logo JW - JOULWATT
Description 18V/3A Sync. Step-Down Converter

JW5361FM Datasheet (HTML) - JOULWATT


JW5361FM Product details

DESCRIPTION
The JW®5361, JW®5361M, JW®5361F and
JW®5361FM are monolithic buck switching
regulators based on I2 architecture for fast
transient response. Operating with an input range
of 4.5V~18V, JW5361, JW5361M, JW5361F and
JW5361FM deliver 3A of continuous output
current with two integrated N-Channel MOSFETs.
The internal synchronous power switches provide
high efficiency without the use of an external
Schottky diode. At light load, JW5361 and
JW5361M operate in low frequency to maintain
high efficiency.
JW5361, JW5361M, JW5361F and JW5361FM
guarantee robustness with output short protection,
thermal protection, current run-away protection
and input under voltage lockout.
JW5361, JW5361M, JW5361F and JW5361FM
are available in SOT23-6 package, which
provides a compact solution with minimal external
components.

FEATURES
 4.5V to 18V operating input range
3A output current
 Up to 95% efficiency
 FCCM at light load (JW5361F / JW5361FM)
 PFM at light load (JW5361 / JW5361M)
 600kHz switching frequency
 Internal soft-start
 Input under-voltage lockout
 Current run-away protection
 Output short protection
 Thermal protection
 Available in SOT23-6 package

APPLICATIONS
 Distributed Power Systems
 Networking Systems
 FPGA, DSP, ASIC Power Supplies
 Green Electronics/ Appliances
 Notebook Computers




Similar Part No. - JW5361FM

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
JW50 SEI-JW50 Datasheet
262Kb / 2P
Tin Plated Jumper Wire Resistor
09/01/2020
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
logo
Stackpole Electronics, ...
JW50ZA0R00 SEI-JW50ZA0R00 Datasheet
262Kb / 2P
Tin Plated Jumper Wire Resistor
09/01/2020
JW50ZT0R00 SEI-JW50ZT0R00 Datasheet
262Kb / 2P
Tin Plated Jumper Wire Resistor
09/01/2020
More results


Similar Description - JW5361FM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com