Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5219 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5219 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5219
Download  IP5219 Download
File Size   1912.28 Kbytes
Page   28 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports

IP5219 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5219 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5219
Download  IP5219 Click to download

File Size   1912.28 Kbytes
Page   28 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports

IP5219 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5219 Product details

Features
 Support multiple ports simultaneously
 2 USB A output ports
 1 USB B input port
 1 USB C input/output port
 Fast charge
 Every port support fast charge
 Support QC2.0/QC3.0 output
 Qualcomm Certificate No.: 4788056908-2
 Support FCP input/output
 Support AFC input/output
 Support SFCP input/output
 Support MTK PE1.1&2.0 output
 Support USB C DRP input/output
 Support BC1.2, Apple, Samsung
 Integrated USB Power Delivery (PD2.0/PD2.0)
protocol
 Support PD2.0 bi-directional input/output protocol
 Support PD3.0 input/output and PPS output
protocol
 Support 5V, 9V voltage input
 Support 5V, 9V, 12V voltage output
 PPS support 5~12V adjustable voltage with
20mV/step
 Integrate hardware biphase mark coding (BMC)
module
 Integrate physical (PHY) layer for TX/RX across the
CC wire
 Integrate hardware CRC calculation module
 Support hard reset
 Charger
 Up to 5.0A charging current at battery port
 Adaptive charging current adjustment
 Support 4.20V, 4.35V, 4.40V, 4.50V batteries
 Discharger
 Current output capacity:
 5V: 3.1A 9V: 2.0A 12V: 1.5A
 Up to 95% @ 5V/2A discharge efficiency of
Synchronous switching
 Support line compensate
 Battery level display
 Integrated 14-bit ADC and coulometer
 Support 1/2/3/4 LED battery indicator
 Auto recognition of LED number
 Adjustable battery level curve, uniform brightness
 Others
 Integrated torch-light driver
 Support auto detect of plug in and out
 Fast charge status indicator
 Support key control
 Enter standby mode automatically in light load
 Multiple protection, high reliability
 Input overvoltage and under voltage protection
 Output overcurrent, overvoltage and short circuit
protection
 Battery overcharge, over discharge and overcurrent
protection
 Over temperature protection
 Battery NTC protection
 4KV ESD, input voltage up to 25V (including CC pins)
 Simplified BOM
 Integrated switch power MOSFET
 Single inductor for charging and discharging
 In-depth customization
 I2C interface for flexible and low cost customized
solution
 Package pin to pin with IP5328
 Package size: 6mm*6mm, 0.5mm pitch, QFN40

Applications
 Power Bank, Portable Charger
 Smart Phones, Tablets and Portable devices

Description
IP5328P is a fast charge power management SOC for total
solution on fast charge Power Bank. IP5328P support
QC2.0/QC3.0 output, FCP/AFC/SFCP input/output, MTK PE+
1.1&2.0 output, USB C/PD2.0/PD3.0 input/output, USBC PPS
output, BC1.2/Apple/Samsung; it integrate Li-battery charging
and discharging management, support battery level display, etc.
Four USB ports can work simultaneously, 2*USB A, USB B and
USB C, each port support fast charge when working alone, 5V
mode for two or more ports working state.
IP5328P are highly integrated with abundant function,
support Buck and Boost with one single inductor, along with
few peripheral devices make the total solution size minimized
and BOM cost down.
IP5328P supply up to 18W output ability using
synchronized switch boost system, efficiency is higher than 90%
for 18W output even when the battery voltage is low. If no load
detected, the system enters standby mode automatically.
IP5328P synchronized switch charging system supply up to
5.0A charging current. In control of IC and battery temperature
and input voltage loop, intelligently adjust charging current.
IP5328P integrate USB C standard, support USB C, PD2.0
and PD3.0 protocol.
IP5328P integrate 14-bit ADC, ADC data can be accessed
through I2C interface. Together with internal coulometer and
algorithm for accurate battery voltage and current
measurement. Battery level curve can be customized for
precise battery level display.
IP5328P support battery level display on 1/2/3/4 LED,
auto-detect display mode; support torch light; support key
function.
Customized functions: charging battery and phones at the
same time, PD15V output, charging for wearable devices.




Similar Part No. - IP5219

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5219 INJOINIC-IP5219 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5219 INJOINIC-IP5219 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5219 INJOINIC-IP5219 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5219 INJOINIC-IP5219 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5219 INJOINIC-IP5219 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results


Similar Description - IP5219

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
Multiple input/output retaskable ports
logo
Injoinic Technology Co....
IP5328 INJOINIC-IP5328 Datasheet
2Mb / 26P
Integrated mobile power SOC with multiple input and output fast charge functions
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP5312 INJOINIC-IP5312 Datasheet
1Mb / 17P
3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
IP5322 INJOINIC-IP5322 Datasheet
2Mb / 23P
Mobile power SOC with integrated input and output fast charge function
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
20W fast charge and discharge fully integrated power management chip
XPM6329 FUMAN-XPM6329 Datasheet
967Kb / 18P
Multi-protocol fast charge and discharge fully integrated power management chip
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com