Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1173 Datasheet (PDF) - Texas Instruments

ADC1173 Datasheet PDF - Texas Instruments
Part # ADC1173
Download  ADC1173 Download
File Size   1019.26 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC1173 8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter

ADC1173 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1173 Datasheet PDF - Texas Instruments

Part # ADC1173
Download  ADC1173 Click to download

File Size   1019.26 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC1173 8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter

ADC1173 Datasheet (HTML) - Texas Instruments


ADC1173 Product details

1FEATURES
2• Internal Sample-and-Hold Function
• Single +3V Operation
• Internal Reference Bias Resistors
• Industry Standard Pinout

APPLICATIONS
• Video Digitization
• Digital Still Cameras
• Set Top Boxes
• Camcorders
• Personal Computer Video
• Digital Television
• CCD Imaging
• Electro-Optics

KEY SPECIFICATIONS
• Resolution 8 Bits
• Maximum Sampling Frequency 15 MSPS (min)
• THD −54 dB (typ)
• DNL ±0.85 LSB (max)
• ENOB at 3.58 MHz Input 7.6 Bits (typ)
• Differential Phase 0.5 Degree (max)
• Differential Gain 1.5% (typ)
• Power Consumption 33 mW (typ) (excluding
reference current)

DESCRIPTION
The ADC1173 is a low power, 15 MSPS analog-to-
digital converter that digitizes signals to 8 bits while
consuming just 33 mW of power (typ). The ADC1173
uses a unique architecture that achieves 7.6 Effective
Bits. Output formatting is straight binary coding.
The excellent DC and AC characteristics of this
device, together with its low power consumption and
+3V single supply operation, make it ideally suited for
many video, imaging and communications
applications, including use in portable equipment.
Furthermore, the ADC1173 is resistant to latch-up
and the outputs are short-circuit proof. The top and
bottom of the ADC1173's reference ladder is available for connections, enabling a wide range of
input possibilities.
The ADC1173 is offered in a 24-pin TSSOP package
and is designed to operate over the -40°C to +75°C
commercial temperature range.




Similar Part No. - ADC1173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1173 NSC-ADC1173 Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
logo
Texas Instruments
ADC1173 TI1-ADC1173 Datasheet
1Mb / 28P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
logo
National Semiconductor ...
ADC1173CIJM NSC-ADC1173CIJM Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
ADC1173CIJMX NSC-ADC1173CIJMX Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
ADC1173CIMTC NSC-ADC1173CIMTC Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
More results


Similar Description - ADC1173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1173 NSC-ADC1173 Datasheet
466Kb / 17P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
CLC935 NSC-CLC935 Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
3-channel 8-bit D / A converter
logo
fujitsu semiconductor
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
3-Channel 8-Bit RGB D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
Renesas Technology Corp
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
logo
Texas Instruments
ADC1173 TI1-ADC1173 Datasheet
1Mb / 28P
8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com