Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0404415 Datasheet (PDF) - PHOENIX CONTACT

0404415 Datasheet PDF - PHOENIX CONTACT
Part # 0404415
Download  0404415 Download
File Size   180.29 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description AB/SS-EX - Support bracket

0404415 Datasheet (PDF)

Go To PDF Page Download Datasheet
0404415 Datasheet PDF - PHOENIX CONTACT

Part # 0404415
Download  0404415 Click to download

File Size   180.29 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description AB/SS-EX - Support bracket

0404415 Datasheet (HTML) - PHOENIX CONTACT


0404415 Product details

Support bracket, insulating material, with 2 retaining screws, for use with either 3 x 10 mm or 6 x
6 mm busbar, color: gray




Similar Part No. - 0404415

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
04044 V-COIL-04044 Datasheet
1Mb / 1P
Thread-Repair-Kits
logo
PHOENIX CONTACT
0404428 PHOENIX-0404428 Datasheet
247Kb / 6P
AB/SS - Support bracket
0404431 PHOENIX-0404431 Datasheet
245Kb / 6P
AB2/SS - Support bracket
0404460 PHOENIX-0404460 Datasheet
247Kb / 6P
ABN 2/SS - Support bracket
More results


Similar Description - 0404415

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
logo
PHOENIX CONTACT
3025888 PHOENIX-3025888 Datasheet
64Kb / 3P
Support bracket - AB/SS-M
09/12/2020
3037669 PHOENIX-3037669 Datasheet
55Kb / 3P
Support bracket - AB-STI 16/10
09/12/2020
3040889 PHOENIX-3040889 Datasheet
61Kb / 3P
Support bracket - AB-SK 65-D INSULATED
09/12/2020
3026489 PHOENIX-3026489 Datasheet
155Kb / 3P
Support bracket - AB-SK 65
02/04/2022
3213218 PHOENIX-3213218 Datasheet
58Kb / 3P
Support bracket - UHV 50 PEDESTAL
09/12/2020
3062087 PHOENIX-3062087 Datasheet
66Kb / 3P
Support bracket - AB-SK-D TOP INSULATED
09/12/2020
3062090 PHOENIX-3062090 Datasheet
261Kb / 3P
Support bracket - AB-SK TOP
05/06/2022
3240223 PHOENIX-3240223 Datasheet
53Kb / 2P
Support bracket - AB-SKS 60
06.11.2013
3240224 PHOENIX-3240224 Datasheet
319Kb / 3P
Support bracket - AB/SKS
05/06/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com