Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3233AIDBVT Datasheet (PDF) - Texas Instruments

REF3233AIDBVT Datasheet PDF - Texas Instruments
Part # REF3233AIDBVT
Download  REF3233AIDBVT Download
File Size   1037.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE

REF3233AIDBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
REF3233AIDBVT Datasheet PDF - Texas Instruments

Part # REF3233AIDBVT
Download  REF3233AIDBVT Click to download

File Size   1037.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE

REF3233AIDBVT Datasheet (HTML) - Texas Instruments


REF3233AIDBVT Product details

1FEATURES
2• Excellent Specified Drift Performance:
– 7ppm/°C (max) at 0°C to +125°C
– 20ppm/°C (max) at –40°C to +125°C
• Microsize Package: SOT23-6
• High Output Current: ±10mA
• High Accuracy: 0.01%
• Low Quiescent Current: 100μA
• Low Dropout: 5mV

APPLICATIONS
• Portable Equipment
• Data Acquisition Systems
• Medical Equipment
• Test Equipment

DESCRIPTION
The REF32xx is a very low drift, micropower,
low-dropout, precision voltage reference family
available in the tiny SOT23-6 package.
The small size and low power consumption (120μA
max) of the REF32xx make it ideal for portable and
battery-powered applications. This reference is stable
with any capacitive load.
The REF32xx can be operated from a supply as low
as 5mV above the output voltage, under no load
conditions. All models are specified for the wide
temperature range of –40°C to +125°C.




Similar Part No. - REF3233AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3233AIDBVT TI-REF3233AIDBVT Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3233AIDBVT BURR-BROWN-REF3233AIDBVT Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3233AIDBVT TI2-REF3233AIDBVT Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
REF3233AIDBVT.B TI2-REF3233AIDBVT.B Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
logo
Burr-Brown (TI)
REF3233AIDBVTG4 BURR-BROWN-REF3233AIDBVTG4 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
More results


Similar Description - REF3233AIDBVT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3212 BURR-BROWN-REF3212 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Texas Instruments
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com