| Electronic Components Datasheet Search |
|
REF3233AIDBVT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3233AIDBVT Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 21 page ![]() 110 108 106 104 102 100 98 96 94 1.5 2.0 3.0 4.0 2.5 3.5 4.5 6.0 5.0 5.5 PowerSupply(V) 1 2 3 6 5 4 V REF R 1 C 1 V IN REF3212, REF3220 REF3225, REF3230 REF3233, REF3240 www.ti.com SBVS058C – JUNE 2005 – REVISED AUGUST 2011 The REF32xx also features a low quiescent current of The RC filter in Figure 23 can be used as a starting 100 μA, with a maximum quiescent current over point for the REF3240. The values for R1 and C1 temperature of just 135 μA. The quiescent current have been calculated so that the voltage at the typically changes less than 2 μA over the entire supply ENABLE pin reaches 0.7V after the input voltage has range, as shown in Figure 22. reached 4.15V; Table 1 lists these values. For output voltage options other than 4.096V, the RC filter can be made faster. Table 1. Recommended R1 and C1 Values for the REF3240 RISE TIME R1 VALUE C1 VALUE 2ms 150k Ω 100nF 5ms 150k Ω 220nF 10ms 330k Ω 220nF 20ms 390k Ω 330nF 50ms 680k Ω 470nF 100ms 680k Ω 1000nF In this document, rise time is defined as the time until an exponential input signal reaches 90% of its final Figure 22. Supply Current vs Supply Voltage voltage. For example, the 2ms value shown in Table 1 is valid for an end value of 5V. Supply voltages below the specified levels can cause If the input voltage has a different shape or the end the REF32xx to momentarily draw currents greater value is not 5V, then the time until the minimum than the typical quiescent current. This momentary dropout voltage has been reached should be used to current draw can be prevented by using a power decide if the IN and ENABLE pins can be tied supply with a fast rising edge and low output together. Table 2 lists these times. impedance. Table 2. Minimum Dropout Voltage Times For optimal startup when the IN pin and ENABLE pin are tied together, keep the input voltage rise time less DEVICE TIME than or equal to 2ms. For rise times greater than REF3212 0.4ms 2ms, the ENABLE pin must be kept below 0.7V until REF3220 0.5ms the voltage at the IN pin has reached the minimum operating voltage. One way to control the voltage at REF3225 0.7ms the ENABLE pin is with an additional RC filter, such REF3230 0.9ms as that shown in Figure 23. The RC filter must hold REF3233 1.0ms the voltage at the ENABLE pin below the threshold REF3240 1.6ms voltage until the voltage at the input pin has reached the minimum operating voltage. Note that because the leakage current of the EN pin is in the range of a few nA, it can be disregarded in most applications. SHUTDOWN The REF32xx can be placed in a low-power mode by pulling the ENABLE/SHUTDOWN pin low. When in Shutdown mode, the output of the REF32xx becomes a resistive load to ground. The value of the load depends on the model, and ranges from approximately 100k Ω to 400kΩ. Figure 23. Application Circuit to Control the REF32xx ENABLE Pin Copyright © 2005–2011, Texas Instruments Incorporated 9 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |