Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC3164A-B Datasheet (PDF) - Analog Devices

DC3164A-B Datasheet PDF - Analog Devices
Part # DC3164A-B
Download  DC3164A-B Download
File Size   2472.12 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, Quad 8A Silent Switcher µModule Regulator

DC3164A-B Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3164A-B Datasheet PDF - Analog Devices

Part # DC3164A-B
Download  DC3164A-B Click to download

File Size   2472.12 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, Quad 8A Silent Switcher µModule Regulator

DC3164A-B Datasheet (HTML) - Analog Devices


DC3164A-B Product details

DESCRIPTION
Demonstration circuit 3164A-B features the LTM®4710‑1,
a quad DC/DC step-down µModule® regulator with 8A per
output, packaged in a compact (6mm × 12mm × 3.54mm)
land grid array (LGA) with pre-made solder balls.
DC3164A-B has an operating input range of 2.5V to 5.5V.
The outputs of the four channels are 0.8V, 1.0V, 1.2V, and
1.5V with 8A per output, respectively. All outputs voltages are programmable from 0.5V up to 3.6V (step-down
only). DC3164A-B operates by default at 1.5MHz and can
be adjusted by an external resistor from 1MHz to 5MHz or
by being synchronized to an external clock from 1.2MHz
to 2.6MHz. DC3164A-B also allows for the channels to be
paralleled up to 32A load current.
LTM4710-1 integrates four separate constant-frequency
peak current mode control regulators, power MOSFETs,
inductors, and other supporting discrete components.
It employs the second-generation Silent Switcher®
technologyin which it allows fast switching edges for high
efficiency at high switching frequencies, while simultaneously achieving good EMI performance. Refer to the
LTM4710-1 data sheet for more detailed information.
It is recommended to read the data sheet of the LTM4710-1
prior to making any changes to the DC3164A-B board




Similar Part No. - DC3164A-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC3160A AD-DC3160A Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
DC3160A-A-KIT AD-DC3160A-A-KIT Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
DC3160A-B-KIT AD-DC3160A-B-KIT Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
More results


Similar Description - DC3164A-B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
Dual 8A per Channel Low VIN DC/DC Module Regulator
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com