Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2540T Datasheet (PDF) - Texas Instruments

CC2540T Datasheet PDF - Texas Instruments
Part # CC2540T
Download  CC2540T Download
File Size   1093.27 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2540T Extended Industrial Temperature Bluetooth® Smart Wireless MCU

CC2540T Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2540T Datasheet PDF - Texas Instruments

Part # CC2540T
Download  CC2540T Click to download

File Size   1093.27 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2540T Extended Industrial Temperature Bluetooth® Smart Wireless MCU

CC2540T Datasheet (HTML) - Texas Instruments


CC2540T Product details

1.1 Features 1
• True Single-Chip BLE Solution: CC2540T Can Run
Both Application and BLE Protocol Stack, Includes
Peripherals to Interface With Wide Range of
Sensors, and so forth
• Operating Temperature up to 125°C
• 6-mm × 6-mm Package
• RF
– Bluetooth® Low Energy Technology Compatible
– Excellent Link Budget (up to 97 dB), Enabling
Long-Range Applications Without External Front
End
– Accurate Digital Received Signal-Strength
Indicator (RSSI)
– Suitable for Systems Targeting Compliance With Worldwide Radio Frequency Regulations:
• ETSI EN 300 328 and EN 300 440 Class 2
(Europe)
• FCC CFR47 Part 15 (US)
• ARIB STD-T66 (Japan)
• Layout
– Few External Components
– Reference Design Provided
– 6-mm × 6-mm VQFN40 Package
• Low Power
– Active Mode RX Down to 19.6 mA
– Active Mode TX (–6 dBm): 24 mA
– Power Mode 1 (3-μs Wake Up): 235 μA
– Power Mode 2 (Sleep Timer On): 0.9 μA
– Power Mode 3 (External Interrupts): 0.4 μA
– Wide Supply Voltage Range (2 V–3.6 V)
– Full RAM and Register Retention in All Power
Modes
• TPS62730 Compatible,
Low Power in Active Mode
– RX Down to 15.8 mA (3-V Supply)
– TX (–6 dBm): 18.6 mA (3-V Supply)
• Microcontroller
– High-Performance and Low-Power 8051
Microcontroller Core
– 256KB of In-System-Programmable Flash
– 8KB of SRAM
• Peripherals
– 12-Bit ADC With Eight Channels and
Configurable Resolution
– Integrated Ultralow-Power Comparator
– General-Purpose Timers (One 16-Bit, Two 8-Bit)
– 21 General-Purpose I/O (GPIO) Pins
(19 × 4 mA, 2 × 20 mA)
– 32-kHz Sleep Timer With Capture
– Two Powerful USARTs With Support for Several
Serial Protocols
– Full-Speed USB Interface
– IR Generation Circuitry
– Powerful Five-Channel DMA
– AES Security Coprocessor
– Battery Monitor and Temperature Sensor
– Each CC2540T Contains a Unique 48-Bit IEEE
Address
• Bluetooth v4.0 Compliant Protocol Stack for Single-Mode BLE Solution
– Complete Power-Optimized Stack, Including
Controller and Host
• GAP: Central, Peripheral, Observer, or
Broadcaster (Including Combination Roles)
• ATT and GATT: Client and Server
• SMP: AES-128 Encryption and Decryption
• L2CAP
– Sample Applications and Profiles
• Generic Applications for GAP Central and
Peripheral Roles
• Proximity, Accelerometer, Simple Keys, and
Battery GATT Services
– Multiple Configuration Options
• Single-Chip Configuration, Allowing
Application to Run on CC2540T
• Network Processor Interface for Applications
Running on an External Microcontroller
– BTool: Windows PC Application for Evaluation,
Development, and Test
• Development Tools
– CC2540T Mini Development Kit
– SmartRF™ Software
– Supported by IAR Embedded Workbench™
Software for 8051

1.2 Applications
• 2.4-GHz Bluetooth Low Energy Systems
• Lighting
• Motor Monitoring
• Proximity Sensing
• Cable Replacement
• Power Tools
• Maintenance
• Wireless HMI and Remote Display
• USB Dongles
• Smart Phone Connectivity

1.3 Description
The CC2540T device is a cost-effective, low-power, true wireless MCU for Bluetooth low energy
applications. The CC2540T enables robust BLE master or slave nodes to be built with very low total bill-ofmaterial
costs, and it can operate up to 125°C. The CC2540T combines an excellent RF transceiver with
an industry-standard enhanced 8051 MCU, in-system programmable flash memory, 8KB of RAM, and
many other powerful supporting features and peripherals. The CC2540T is suitable for systems where
very low power consumption is required. Very low-power sleep modes are available. Short transition times
between operating modes further enable low power consumption.
Combined with the Bluetooth low energy protocol stack from Texas Instruments, the CC2540TF256 forms
the market’s most flexible and cost-effective single-mode Bluetooth low energy solution.




Similar Part No. - CC2540T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2540TF256RHAR TI1-CC2540TF256RHAR Datasheet
1,023Kb / 37P
Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2540TF256RHAT TI1-CC2540TF256RHAT Datasheet
1,023Kb / 37P
Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
More results


Similar Description - CC2540T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
Extended Industrial Temperature Bluetooth Smart Wireless MCU
logo
LAPIS Semiconductor Co....
MK71251-01 LAPIS-MK71251-01 Datasheet
1Mb / 29P
Bluetooth Smart wireless module
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
logo
ON Semiconductor
RSL15 ONSEMI-RSL15 Datasheet
272Kb / 36P
Bluetooth 5.2 Wireless MCU
May, 2022 Rev. 1
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
logo
ON Semiconductor
NCV-RSL15 ONSEMI-NCV-RSL15 Datasheet
622Kb / 36P
Bluetooth 5.2 Wireless MCU
February, 2023 - Rev. P2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com