Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1336DWVR Datasheet (PDF) - Texas Instruments

AMC1336DWVR Datasheet PDF - Texas Instruments
Part # AMC1336DWVR
Download  AMC1336DWVR Download
File Size   1190.1 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications

AMC1336DWVR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1336DWVR Datasheet PDF - Texas Instruments

Part # AMC1336DWVR
Download  AMC1336DWVR Click to download

File Size   1190.1 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications

AMC1336DWVR Datasheet (HTML) - Texas Instruments


AMC1336DWVR Product details

1 Features
1• Input structure optimized for voltage
measurements:
– Input voltage range: ±1 V
– Input resistance: 1.5 GΩ (typ)
• Excellent DC performance:
– Offset error: ±0.5 mV (max)
– Offset drift: ±4 μV/°C (max)
– Gain error: ±0.25% (max)
– Gain drift: ±40 ppm/°C (max)
• Transient immunity: 115 kV/μs (typ)
• Missing high-side supply detection
• Safety-related certifications:
– 8000-VPEAK reinforced isolation per DIN VDE V
0884-11: 2017-01
– 5700-VRMS isolation for 1 minute per UL1577
– IEC 62368-1 end equipment standard

2 Applications
• Isolated AC and DC voltage measurement in:
– Uninterruptible power supplies
– Photovoltaic inverters
– Motor drives

3 Description
The AMC1336 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive double isolation barrier that is
highly resistant to magnetic interference. This barrier
is certified to provide reinforced isolation of up to
8000 VPEAK according to the DIN VDE V 0884-11 and
UL1577 standards. Used in conjunction with isolated
power supplies, this isolated modulator separates
parts of the system that operate on different commonmode
voltage levels and protects lower-voltage parts
from damage.
The unique wide, bipolar. ±1-V input voltage range of
the AMC1336 and its high input resistance support
direct connection of the device to resistive dividers in
high-voltage applications. When used with a digital
filter (for instance, as integrated in the
TMS320F28004x, TMS320F2807x or TMS320F2837x
microcontroller families) to decimate the output
bitstream, the device can achieve 16 bits of resolution
with a dynamic range of 87 dB at a data rate of
82 kSPS.
On the high-side, the AMC1336 is supplied by a
3.3-V or 5-V power supply. The isolated digital
interface operates from a 3.0-V, 3.3-V or 5-V power
supply.
The AMC1336 performance is specified over the
extended industrial temperature range of –40°C to
+125°C.




Similar Part No. - AMC1336DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1336DWVR TI1-AMC1336DWVR Datasheet
766Kb / 31P
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
More results


Similar Description - AMC1336DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1336 TI1-AMC1336 Datasheet
766Kb / 31P
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com