Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEH2013 Datasheet (PDF) - Sumida Corporation

EEH2013 Datasheet PDF - Sumida Corporation
Part # EEH2013
Download  EEH2013 Download
File Size   41.11 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type:EEH Series>

EEH2013 Datasheet (PDF)

Go To PDF Page Download Datasheet
EEH2013 Datasheet PDF - Sumida Corporation

Part # EEH2013
Download  EEH2013 Click to download

File Size   41.11 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type:EEH Series>

EEH2013 Datasheet (HTML) - Sumida Corporation


EEH2013 Product details

◆ Product Description
・ 27.5× 22.5mm Max.(L× W), 14.5mm Max. Height.
・ In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements

◆ Feature
・ Max. Operating frequency 500kHz. Max Operating Power 16.5W(500kHz)
・ Ideally used in AC adapter for cellular phone, Portable equipment.
・ RoHS Compliance




Similar Part No. - EEH2013

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH2017 SUMIDA-EEH2017 Datasheet
206Kb / 1P
DC-DC CONVERTER (PIN)
More results


Similar Description - EEH2013

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EE1621 SUMIDA-EE1621 Datasheet
38Kb / 1P
General Power Transformer< Pin Type:EE Series>
EE1916 SUMIDA-EE1916 Datasheet
35Kb / 1P
General Power Transformer < Pin Type:EE Series>
EE4128 SUMIDA-EE4128 Datasheet
58Kb / 1P
General Power Transformer
EEH2218 SUMIDA-EEH2218 Datasheet
101Kb / 1P
General Power Transformer
EEH3223 SUMIDA-EEH3223 Datasheet
67Kb / 1P
General Power Transformer
EEH3425 SUMIDA-EEH3425 Datasheet
106Kb / 1P
General Power Transformer
EEH4130 SUMIDA-EEH4130 Datasheet
31Kb / 1P
General Power Transformer
EI3330 SUMIDA-EI3330 Datasheet
121Kb / 1P
General Power Transformer < Pin Type:EI Series>
EI-2520 SUMIDA-EI-2520 Datasheet
76Kb / 1P
General Power Transformer < Pin Type:EI Series>
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com