Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEH3425 Datasheet (PDF) - Sumida Corporation

EEH3425 Datasheet PDF - Sumida Corporation
Part # EEH3425
Download  EEH3425 Download
File Size   106.8 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type:EEH Series>

EEH3425 Datasheet (PDF)

Go To PDF Page Download Datasheet
EEH3425 Datasheet PDF - Sumida Corporation

Part # EEH3425
Download  EEH3425 Click to download

File Size   106.8 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type:EEH Series>

EEH3425 Datasheet (HTML) - Sumida Corporation


EEH3425 Product details

◆ Product Description
・ 38.0× 34.3 mm Max.(L× W), 28.0mm Max. Height.
・ In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements

◆ Feature
・ Max. Operating frequency 500kHz. Max Operating Power 40.0W(500kHz)
・ Ideally used in switching power supply etc.
・ RoHS Compliance




Similar Part No. - EEH3425

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH3223 SUMIDA-EEH3223 Datasheet
67Kb / 1P
General Power Transformer
EEH3223MS SUMIDA-EEH3223MS Datasheet
67Kb / 1P
General Power Transformer
More results


Similar Description - EEH3425

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EE1621 SUMIDA-EE1621 Datasheet
38Kb / 1P
General Power Transformer< Pin Type:EE Series>
EE1916 SUMIDA-EE1916 Datasheet
35Kb / 1P
General Power Transformer < Pin Type:EE Series>
EE4128 SUMIDA-EE4128 Datasheet
58Kb / 1P
General Power Transformer
EEH2013 SUMIDA-EEH2013 Datasheet
41Kb / 1P
General Power Transformer
EEH2218 SUMIDA-EEH2218 Datasheet
101Kb / 1P
General Power Transformer
EEH3223 SUMIDA-EEH3223 Datasheet
67Kb / 1P
General Power Transformer
EEH4130 SUMIDA-EEH4130 Datasheet
31Kb / 1P
General Power Transformer
EI3330 SUMIDA-EI3330 Datasheet
121Kb / 1P
General Power Transformer < Pin Type:EI Series>
EI-2520 SUMIDA-EI-2520 Datasheet
76Kb / 1P
General Power Transformer < Pin Type:EI Series>
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com