Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP002296752 Datasheet (PDF) - Infineon Technologies AG

SP002296752 Datasheet PDF - Infineon Technologies AG
Part # SP002296752
Download  SP002296752 Download
File Size   1795.35 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection

SP002296752 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP002296752 Datasheet PDF - Infineon Technologies AG

Part # SP002296752
Download  SP002296752 Click to download

File Size   1795.35 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection

SP002296752 Datasheet (HTML) - Infineon Technologies AG


SP002296752 Product details

Features
 For up to 2300 V IGBTs, SiC and Si MOSFETs
 +6 A / -8.5 A typical sinking and sourcing peak output current
 Precise VCEsat detection (DESAT) with fault output
 Soft turn-off after desaturation detection
 Active Miller Clamp
 40 V absolute maximum output supply voltage
 85 ns propagation delay with 35 ns input filter
 High common-mode transient immunity CMTI >300 kV/μs
 DSO-16 300 mil wide-body package with large creepage distance (>8 mm)
 Undervoltage lockout (UVLO) protection with hysteresis (for IGBTs and SiC)

Target applications
 Industrial motor drives - compact, standard, premium, servo drives
 Solar inverters, High-voltage isolated DC-DC converters
 UPS systems
 EV charging
 Energy storage systems
 Commercial air-conditioning (CAC)
 Commercial induction cooking
 Commercial and agricultural vehicles (CAV)
 Server and telecom SMPS




Similar Part No. - SP002296752

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP002290988 INFINEON-SP002290988 Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.0, 2020-03-23
More results


Similar Description - SP002296752

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
Analog Devices
ADUM4122 AD-ADUM4122 Datasheet
632Kb / 18P
Single Gate, Adjustable Slew Rate, Isolated Gate Driver, 3 A Short-Circuit
2/2019-Revision 0
logo
Infineon Technologies A...
1EDF5673K INFINEON-1EDF5673K Datasheet
1Mb / 37P
GaN EiceDRIVER??product family Single-channel functional
Rev. 2.10 2019-02-11
1EDI3020AS INFINEON-1EDI3020AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3020AS
Rev. 1.01 2021-06-25
1EDI3021AS INFINEON-1EDI3021AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3021AS
Rev. 1.01 2021-06-25
1EDI3023AS INFINEON-1EDI3023AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3023AS
Rev. 1.01 2021-06-25
1EDI3030AS INFINEON-1EDI3030AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3030AS
Rev. 1.01 2021-06-25
1EDI3031AS INFINEON-1EDI3031AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3031AS
Rev. 1.01 2021-06-25
1EDI3033AS INFINEON-1EDI3033AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3033AS
Rev. 1.01 2021-06-25
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com