Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR24220 Datasheet (PDF) - Texas Instruments

LMR24220 Datasheet PDF - Texas Instruments
Part # LMR24220
Download  LMR24220 Download
File Size   1139.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR24220 42-VIN, 2-A Step-Down Voltage Regulator in DSBGA Package

LMR24220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR24220 Datasheet PDF - Texas Instruments

Part # LMR24220
Download  LMR24220 Click to download

File Size   1139.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR24220 42-VIN, 2-A Step-Down Voltage Regulator in DSBGA Package

LMR24220 Datasheet (HTML) - Texas Instruments


LMR24220 Product details

1 Features
1• Input Voltage Range of 4.5 V to 42 V
• Output Voltage Range of 0.8 V to 24 V
• Output Current up to 2 A
• Integrated Low RDS(ON) Synchronous MOSFETs
for High Efficiency
• Up to 1-MHz Switching Frequency
• Low Shutdown IQ, 25 μA Typical
• Programmable Soft Start
• No Loop Compensation Required
• COT Architecture with ERM
• Tiny Overall Solution Reduces System Cost
• Integrated Synchronous MOSFETs Provides High
Efficiency at Low Output Voltages
• COT with ERM Architecture
• Stable with Low ESR Capacitors
• 28-Bump DSBGA (3.676 × 2.48 × 0.60 mm
maximum) Packaging
• Create a custom design using the LMR24220 with
the WEBENCH® Power Designer

2 Applications
• Point-of-Load Conversions from 5-V, 12-V, and
24-V Rails
• Space Constrained Applications
• Industrial Distributed Power Applications
• Power Meters

3 Description
The LMR24220 synchronously rectified buck
converter features all required functions to implement
a highly efficient and cost effective buck regulator. It
is capable of supplying 2-A to loads with an output
voltage as low as 0.8 V. Dual N-channel synchronous
MOSFET switches allow a low component count, thus
reducing complexity and minimizing board size.
Different from most other COT regulators, the
LMR24220 does not rely on output capacitor ESR for
stability. The device is designed to work exceptionally
well with ceramic and other very low ESR output
capacitors. It requires no loop compensation, results
in a fast load-transient response and simple circuit
implementation. The operating frequency remains
nearly constant with line variations due to the inverse
relationship between the input voltage and the ontime.
The operating frequency can be externally
programmed up to 1 MHz. Protection features include
VCC undervoltage lockout, output overvoltage
protection, thermal shutdown, and gate drive
undervoltage lockout. The LMR24220 is available in
the small DSBGA low profile chip-scale package.




Similar Part No. - LMR24220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR24220 NSC-LMR24220 Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220 TI1-LMR24220 Datasheet
1Mb / 20P
LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
LMR24220 TI-LMR24220 Datasheet
1Mb / 24P
SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR24220TL NSC-LMR24220TL Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220TL TI1-LMR24220TL Datasheet
1Mb / 20P
LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
More results


Similar Description - LMR24220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985_08 Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
logo
Texas Instruments
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
LMR24220 TI1-LMR24220 Datasheet
1Mb / 20P
LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
STMicroelectronics
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com