Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR24220 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMR24220 Datasheet PDF - Texas Instruments
Part # LMR24220
Download  LMR24220 Download
File Size   1998.95 Kbytes
Page   20 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD

LMR24220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR24220 Datasheet PDF - Texas Instruments

Part # LMR24220
Download  LMR24220 Click to download

File Size   1998.95 Kbytes
Page   20 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD

LMR24220 Datasheet (HTML) - Texas Instruments




Similar Part No. - LMR24220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR24220 NSC-LMR24220 Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220 TI-LMR24220 Datasheet
1Mb / 24P
SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR24220 TI2-LMR24220 Datasheet
1Mb / 27P
LMR24220 42-VIN, 2-A Step-Down Voltage Regulator in DSBGA Package
REVISED JUNE 2019
logo
National Semiconductor ...
LMR24220TL NSC-LMR24220TL Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220TL/NOPB TI-LMR24220TL/NOPB Datasheet
1Mb / 24P
SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
More results


Similar Description - LMR24220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LMR24210 NSC-LMR24210 Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LMR24220 NSC-LMR24220 Datasheet
1Mb / 18P
SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR10520 TI-LMR10520 Datasheet
438Kb / 19P
SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206 TI1-LMR14206 Datasheet
268Kb / 13P
SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR24210 TI1-LMR24210 Datasheet
1Mb / 20P
LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com