Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8818A Datasheet (PDF) - Texas Instruments

DRV8818A Datasheet PDF - Texas Instruments
Part # DRV8818A
Download  DRV8818A Download
File Size   1446.9 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8818A 35V, 2.5A Stepper Motor Driver with 1/8 Microstepping, STEP/DIR Interface and Smart Tune Technology

DRV8818A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8818A Datasheet PDF - Texas Instruments

Part # DRV8818A
Download  DRV8818A Click to download

File Size   1446.9 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8818A 35V, 2.5A Stepper Motor Driver with 1/8 Microstepping, STEP/DIR Interface and Smart Tune Technology

DRV8818A Datasheet (HTML) - Texas Instruments


DRV8818A Product details

1 Features
• Stepper motor driver
– Simple STEP/DIR interface
– Up to 1/8 microstepping indexer
– Programmable mixed decay, blanking, and off
time
• 8V to 35V operating supply voltage range
• Smart tune, slow, fast, and mixed decay options
• High current capacity: 2.5A full-scale, 1.8A RMS
• Low RDS(ON): 310mΩ HS + LS at 24V, 25°C
• Separate logic supply voltage (VCC)
• Pin-to-pin compatible with
– DRV8818: 35V, 370mΩ HS+LS
– DRV8811: 38V, 1000mΩ HS+LS
• Thermally-enhanced surface mount package
• Protection features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Indexer zero position output (HOMEn)

2 Applications
• Multifunction Printers
• Textile Machinery, Sewing Machines
• Factory Automation
• Robotics
• In-Vitro Diagnostics
• IP or Pan/Tilt Network Cameras

3 Description
The DRV8818A provides an integrated stepper motor
driver for printers, scanners, and other automated
equipment applications. The device has two H-bridge
drivers and microstepping indexer logic to control a
stepper motor.
The output driver block for each consists of N-channel
power MOSFETs configured as full H-bridges to drive
the motor windings.
A simple STEP/DIR interface allows controller circuits
to be easily interfaced. The mode pins allow for
configuration of the motor in full-step, half-step,
quarter-step, or eighth-step modes. Decay mode and
PWM off time are programmable.
Internal shutdown functions are provided for over
current protection, short circuit protection, undervoltage
lockout and overtemperature.
The DRV8818A is packaged in a 28-pin HTSSOP
package with PowerPAD™.




Similar Part No. - DRV8818A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI2-DRV8818 Datasheet
1Mb / 36P
DRV8818 Stepper Motor Controller IC
REVISED FEBRUARY 2025
DRV8818PWP TI-DRV8818PWP Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818PWP TI1-DRV8818PWP Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
More results


Similar Description - DRV8818A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
logo
Texas Instruments
DRV8436 TI1-DRV8436 Datasheet
1Mb / 40P
Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune Technology
DRV8424 TI1-DRV8424 Datasheet
2Mb / 51P
DRV8424/25 Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8426 TI1-DRV8426 Datasheet
2Mb / 49P
DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8428 TI1-DRV8428 Datasheet
1Mb / 53P
DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434 TI-DRV8434 Datasheet
4Mb / 56P
DRV8434 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8849 TI-DRV8849 Datasheet
1Mb / 35P
DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com