Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8818 Datasheet (PDF) - Texas Instruments

DRV8818 Datasheet PDF - Texas Instruments
Part # DRV8818
Download  DRV8818 Download
File Size   1762.42 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8818 Stepper Motor Controller IC

DRV8818 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8818 Datasheet PDF - Texas Instruments

Part # DRV8818
Download  DRV8818 Click to download

File Size   1762.42 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8818 Stepper Motor Controller IC

DRV8818 Datasheet (HTML) - Texas Instruments


DRV8818 Product details

1 Features
• Pulse Width Modulation (PWM) Microstepping
Motor Driver
– Built-In Microstepping Indexer
– Up to 8 Microsteps/Step
– Step and Direction Control
– Programmable Mixed Decay, Blanking, and Off
Time
• Up to 2.5A Current Per Winding
• Low 0.37Ω (HS + LS) MOSFET RDS(ON) (25°C)
• 8V to 35V Operating Supply Voltage Range
• Pin to Pin Upgrade for DRV8811 With Lower
RDS(ON)
• Thermally-Enhanced Surface Mount Package
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)

2 Applications
• Printers
• Textile Machinery
• Positioning/Tracking
• Factory Automation
• Robotics

3 Description
The DRV8818 provides an integrated stepper motor
driver for printers, scanners, and other automated
equipment applications. The device has two H-bridge
drivers, as well as microstepping indexer logic to
control a stepper motor.
The output driver block for each consists of N-channel
power MOSFETs configured as full H-bridges to drive
the motor windings.
A simple STEP/DIRECTION interface allows easy
interfacing to controller circuits. The mode pins allow
for configuration of the motor in full-step, half-step,
quarter-step, or eighth-step modes. Decay mode and
PWM off time are programmable.
Internal shutdown functions are provided for over
current protection, short circuit protection, undervoltage
lockout and overtemperature.
The DRV8818 is packaged in a 28-pin HTSSOP
package with PowerPAD™.




Similar Part No. - DRV8818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818A TI2-DRV8818A Datasheet
1Mb / 30P
DRV8818A 35V, 2.5A Stepper Motor Driver with 1/8 Microstepping, STEP/DIR Interface and Smart Tune Technology
JULY 2025
DRV8818PWP TI-DRV8818PWP Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8818PWP TI1-DRV8818PWP Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
More results


Similar Description - DRV8818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818_15 Datasheet
1Mb / 31P
DRV8818 Stepper Motor Controller IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
Stepper Motor Controller IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com